Moteur de recherche de fiches techniques de composants électroniques |
|
74AHC594 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
74AHC594 Fiches technique(HTML) 1 Page - NXP Semiconductors |
1 / 22 page 1. General description The 74AHC594; 74AHCT594 is a high-speed Si-gate CMOS device and is pin compatible with Low-Power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A. The 74AHC594; 74AHCT594 is an 8-bit, non-inverting, serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. Separate clocks (SHCP and STCP) and direct overriding clears (SHR and STR) are provided on both the shift and storage registers. A serial output (Q7S) is provided for cascading purposes. Both the shift and storage register clocks are positive-edge triggered. If the user wishes to connect both clocks together, the shift register will always be one count pulse ahead of the storage register. 2. Features I Balanced propagation delays I All inputs have Schmitt-trigger actions I Inputs accept voltages higher than VCC I Wide supply voltage range from 2.0 V to 5.5 V I 8-bit serial-in, parallel-out shift register with storage I Independent direct overriding clears on shift and storage registers I Independent clocks for shift and storage registers I Latch-up performance exceeds 100 mA per JESD78 Class II I Input levels: N For 74AHC594: CMOS level N For 74AHCT594: TTL level I ESD protection: N HBM EIA/JESD22-A114E exceeds 2000 V N MM EIA/JESD22-A115-A exceeds 200 V N CDM EIA/JESD22-C101C exceeds 1000 V I Multiple package options I Specified from −40 °C to +85 °C and from −40 °C to +125 °C 3. Applications I Serial-to parallel data conversion I Remote control holding register 74AHC594; 74AHCT594 8-bit shift register with output register Rev. 02 — 9 June 2008 Product data sheet |
Numéro de pièce similaire - 74AHC594_08 |
|
Description similaire - 74AHC594_08 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |