Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYV29B-600 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BYV29B-600
Description  Rectifier diode ultrafast
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYV29B-600 Fiches technique(HTML) 1 Page - NXP Semiconductors

  BYV29B-600 Datasheet HTML 1Page - NXP Semiconductors BYV29B-600 Datasheet HTML 2Page - NXP Semiconductors BYV29B-600 Datasheet HTML 3Page - NXP Semiconductors BYV29B-600 Datasheet HTML 4Page - NXP Semiconductors BYV29B-600 Datasheet HTML 5Page - NXP Semiconductors BYV29B-600 Datasheet HTML 6Page - NXP Semiconductors BYV29B-600 Datasheet HTML 7Page - NXP Semiconductors BYV29B-600 Datasheet HTML 8Page - NXP Semiconductors BYV29B-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BYV29B-600
Rectifier diode ultrafast
Rev. 01 — 11 August 2003
Product data
M3D166
1.
Product profile
1.1 Description
Ultra-fast, epitaxial rectifier diode in a surface mount plastic package.
Product availability:
BYV29B-600 in SOT404 (D2-PAK).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT404 package.
s Low forward voltage
s Fast switching
s Soft recovery characteristic
s High thermal cycling performance.
s Switched-mode power supplies
s Low loss rectification.
s VR ≤ 600 V
s VF ≤ 1.03 V
s IF(AV) ≤ 9A
s trr ≤ 60 ns
Table 1:
Pinning - SOT404 (D2-PAK), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
no connection
SOT404 (D2-PAK)
2
cathode (k)
[1]
3
anode (a)
mb
mounting base;
connected to cathode (k)
13
2
MBK116
mb
ka
001aaa020


Numéro de pièce similaire - BYV29B-600

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BYV29B-600 WEEN-BYV29B-600 Datasheet
1Mb / 11P
   Rectifier diode ultrafast
BYV29B-600P WEEN-BYV29B-600P Datasheet
484Kb / 10P
   600P
More results

Description similaire - BYV29B-600

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYT79-600 PHILIPS-BYT79-600_15 Datasheet
183Kb / 10P
   Rectifier diode ultrafast
27 May 2015
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
   Rectifier diode ultrafast
Rev. 01 - 16 October 2007
BYT79X-600 NXP-BYT79X-600 Datasheet
78Kb / 9P
   Rectifier diode ultrafast
Rev. 01-29 October 2007
BYV25D-600 NXP-BYV25D-600 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
BYV25X-600 NXP-BYV25X-600 Datasheet
79Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-12 August 2008
BYV29G-600 NXP-BYV29G-600 Datasheet
167Kb / 11P
   Ultrafast rectifier diode
Rev. 01-4 February 2010
logo
WeEn Semiconductors
BYT79X-600 WEEN-BYT79X-600 Datasheet
357Kb / 10P
   Rectifier diode ultrafast
logo
NXP Semiconductors
BYV29X-600 NXP-BYV29X-600 Datasheet
81Kb / 10P
   Rectifier diode ultrafast
Rev. 02-4 September 2007
BYT79X-600 PHILIPS-BYT79X-600_15 Datasheet
187Kb / 10P
   Rectifier diode ultrafast
27 May 2015
BYV25D-600 PHILIPS-BYV25D-600_15 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com