Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC11C125LFEB Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC11C125LFEB
Description  11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC11C125LFEB Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC11C125LFEB Datasheet HTML 2Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 3Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 4Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 5Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 6Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 7Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 8Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 9Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: V
IN = -1dBFS, AGND = DGND = DRGND = 0V, VA = VD = +3.3V,
V
DR = +1.8V, Internal VREF = +1.0V, fCLK = 125 MHz, VCM = VRM, CL = 5 pF/pin, Single-Ended Clock Mode, Offset Binary Format.
Typical values are for T
A = 25°C. Boldface limits apply for TMIN TA TMAX. All other limits apply for TA = 25°C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
11
Bits (min)
INL
Integral Non Linearity (Note 11)
Full Scale Input
±0.25
0.83
LSB (max)
-0.83
LSB (min)
DNL
Differential Non Linearity
Full Scale Input
±0.20
0.50
LSB (max)
-0.55
LSB (min)
PGE
Positive Gain Error
+1.1
4.0
%FS (max)
-1.8
%FS (min)
NGE
Negative Gain Error
-0.77
2.2
%FS (max)
-3.7
%FS (min)
TC GE
Gain Error Tempco
−40°C
T
A +85°C
TBD
ppm/°C
V
OFF
Offset Error (V
IN+ = VIN−)
−0.11
0.78
%FS (max)
-1.03
%FS (min)
TC V
OFF
Offset Error Tempco
−40°C
T
A +85°C
TBD
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
2047
2047
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.5
V
V
RM
Reference Ladder Midpoint Output
Voltage
Output load = 1 mA
1.5
V
C
IN
V
IN Input Capacitance (each pin to GND)
(Note 12)
V
IN = 1.5 Vdc
± 0.5 V
(CLK HIGH)
9
pF
(CLK LOW)
6
pF
V
REF
Reference Voltage (Note 13)
1.00
V
Reference Input Resistance
9
k
Ω
www.national.com
6


Numéro de pièce similaire - ADC11C125LFEB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ TI1-ADC11C125CISQ Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ/NOPB TI1-ADC11C125CISQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Description similaire - ADC11C125LFEB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com