Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28005 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL28005
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL28005 Datasheet HTML 5Page - Intersil Corporation ISL28005 Datasheet HTML 6Page - Intersil Corporation ISL28005 Datasheet HTML 7Page - Intersil Corporation ISL28005 Datasheet HTML 8Page - Intersil Corporation ISL28005 Datasheet HTML 9Page - Intersil Corporation ISL28005 Datasheet HTML 10Page - Intersil Corporation ISL28005 Datasheet HTML 11Page - Intersil Corporation ISL28005 Datasheet HTML 12Page - Intersil Corporation ISL28005 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6973.2
May 27, 2010
Applications Information
Functional Description
The ISL28005-20, ISL28005-50 and ISL28005-100 are
single supply, uni-directional current sense amplifiers
with fixed gains of 20V/V, 50V/V and 100V/V
respectively.
The ISL28005 is a 2-stage amplifier. Figure 16 shows the
active circuitry for high-side current sense applications
where the sense voltage is between 1.35V to 28V.
Figure 17 shows the active circuitry for ground sense
applications where the sense voltage is between 0V to
1.35V.
The first stage is a bi-level trans-conductance amp and
level translator. The gm stage converts the low voltage
drop (VSENSE) sensed across an external milli-ohm
sense resistor, to a current (@ gm = 21.3µA/V). The
trans-conductance amplifier forces a current through R1
resulting to a voltage drop across R1 that is equal to the
sense voltage (VSENSE). The current through R1 is
mirrored across R5 creating a ground-referenced voltage
at the input of the second amplifier equal to VSENSE.
The second stage is responsible for the overall gain and
frequency response performance of the device. The fixed
gains (20, 50, 100) are set with internal resistors Rf and
Rg. The only external component needed is a current
sense resistor (typically 0.001Ω to 0.01Ω, 1W to 2W).
The transfer function is given in Equation 1.
The input gm stage derives its ~2.86µA supply current
from the input source through the RS+ terminal as long
as the sensed voltage at the RS+ pin is >1.35V and the
gmHI amplifier is selected. When the sense voltage at
RS+ drops below the 1.35V threshold, the gmLO
amplifier kicks in and the gmLO output current reverses,
flowing out of the RS- pin.
FIGURE 13. SLEW RATE, ts, SATURATION RECOVERY
TIME
FIGURE 14. GAIN vs FREQUENCY
FIGURE 15. SLEW RATE
Test Circuits and Waveforms (Continued)
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS-
VRS+
1M
Ω
PULSE
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VSENSE
VRS+
1M
Ω
SIGNAL
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS+
1M
Ω
PULSE
GENERATOR
VOUT
GAIN
ISRS VOS
+
()
×
=
(EQ. 1)
ISL28005


Numéro de pièce similaire - ISL28005

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005 INTERSIL-ISL28005 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
More results

Description similaire - ISL28005

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com