Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0ZRM0075AF1E Fiches technique(PDF) 1 Page - Bel Fuse Inc.

No de pièce 0ZRM0075AF1E
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRM0075AF1E Fiches technique(HTML) 1 Page - Bel Fuse Inc.

  0ZRM0075AF1E Datasheet HTML 1Page - Bel Fuse Inc. 0ZRM0075AF1E Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0ZRMD0708
Rmin
Rmax
R1max
IH, A
IT, A
Seconds Imax, A
Vmax,
Vac/dc
Pd, W Ohms
Ohms
Ohms
Applications
A
0ZRM0010FF1E
0.10
0.20
10.0
2
120
0.84
3.00
5.00
7.50
Line Voltage Power Supply, Transformer and Appliances Product
B
0ZRM0017FF1E
0.17
0.34
10.0
2
120
0.84
2.00
3.50
7.00
Product Features
C
0ZRM0020FF1E
0.20
0.40
9.0
2
120
1.08
1.83
3.12
4.40
Continuous Use at Voltages up to 120VAC/VDC
D
0ZRM0025FF1E
0.25
0.50
7.5
3
120
1.08
1.25
2.13
3.00
Operation Current
E
0ZRM0030FF1E
0.30
0.60
8.5
3
120
1.44
0.88
1.47
2.10
100mA~3.75A
F
0ZRM0040FF1E
0.40
0.80
6.5
3
120
1.44
0.55
0.95
1.29
Maximum Operating Voltage
G
0ZRM0050FF1E
0.50
1.00
6.0
3
120
1.56
0.50
0.85
1.17
120VAC/VDC
H
0ZRM0065FF1E
0.65
1.30
5.7
5
120
1.68
0.31
0.53
0.72
Maximum Interrupt Voltage
I
0ZRM0075FF1E
0.75
1.50
6.3
5
120
1.80
0.25
0.44
0.60
135VAC/DC
J
0ZRM0075AF1E
0.75
1.50
15.0
7.5
120
2.64
0.25
0.39
0.69
Temperature Range
K
0ZRM0090FF1E
0.90
1.80
7.2
5
120
1.80
0.20
0.31
0.47
-40℃ to 85℃
L
0ZRM0100FF1E
1.00
2.00
15.0
10
120
2.64
0.18
0.27
0.47
Agency Recognition
M
0ZRM0110FF1E
1.10
2.20
8.2
8
120
2.28
0.15
0.28
0.38
TUV (Std. EN60738-1, Cert. R50131685)
N
0ZRM0125FF1A
1.25
2.50
20.0
12.5
120
2.88
0.11
0.18
0.33
UL Component (Std. UL1434, File E305051)
O
0ZRM0135FF1A
1.35
2.70
9.6
10
120
2.64
0.12
0.21
0.30
UL Conditions of Acceptability:
P
0ZRM0135AF1A
1.35
2.70
20.0
13.5
120
3.12
0.11
0.17
0.30
Q
0ZRM0160FF1A
1.60
3.20
11.4
12
120
3.12
0.09
0.16
0.22
R
0ZRM0185FF1A
1.85
3.70
12.6
12
120
3.36
0.08
0.13
0.19
S
0ZRM0200FF1A
2.00
4.20
36.0
20
120
4.32
0.08
0.12
0.21
T
0ZRM0250FF1A
2.50
5.00
15.6
15
120
4.44
0.05
0.08
0.13
U
0ZRM0300FF1A
3.00
6.00
19.8
17
120
4.56
0.04
0.07
0.10
V
0ZRM0375FF1A
3.75
7.50
24.0
20
120
4.80
0.03
0.05
0.08
IH
Hold current-maximum current at which the device will not trip at 23
oC still air.
IT
Trip current-minimum current at which the device will always trip at 23
oC still air.
Imax
Maximum fault current device can withstand without damage at rated voltage (V max).
Vmax
Maximum voltage device can withstand without damage at its rated current.
Pd
Typical power dissipated from device when in tripped state in 23
oC still air environment.
Rmin
Minimum device resistance at 23
oC.
R1max Maximum device resistance at 23
oC, 1 hour after tripping .
Lead material:
0ZRM0010FF~0ZRM0017FF Matte tin plated copper, 24 AWG.
0ZRM0020FF~0ZRM0090FF Matte tin plated copper, 22 AWG.
0ZRM0075FF~0ZRM0375FF Matte tin plated copper, 20 AWG.
Soldering characteristics:
MIL-STD-202, Method 208E.
Insulating coating:
Flame retardant epoxy, meets UL-94V-0 requirement.
" bel " or " b ",
IH code and " RM ".
Part
A
B
C
D
E
F
Number
Max Max
Typical
Min
Max Typical
0ZRM0010FF
1
7.9
13
5.1
7.6
3.8
2.2
0ZRM0017FF
1
7.9
13
5.1
7.6
3.8
2.2
Pcs/Box P/N code Pcs/Reel P/N code
0ZRM0020FF
2
7.9
13
5.1
7.6
3.8
2.2
3000
1E
2000
2C
0ZRM0025FF
2
7.9
13
5.1
7.6
3.8
2.2
3000
1E
1500
2B
0ZRM0030FF
2
7.9
13
5.1
7.6
3.8
2.2
1000
1A
n/a
n/a
0ZRM0040FF
2
8.2
14.2
5.1
7.6
3.8
2.2
1000
1A
n/a
n/a
0ZRM0050FF
2
9.2
14.9
5.1
7.6
3.8
2.2
0ZRM0065FF
2
9.7
14.9
5.1
7.6
3.8
2.2
0ZRM0075FF
2
10.6 15.5
5.1
7.6
3.8
2.2
0ZRM0075AF
4
10.9
17
5.1
7.6
4.1
2.2
0ZRM0090FF
2
11.9 15.9
5.1
7.6
3.8
2.2
0ZRM0100FF
4
11.5 20.1
5.1
7.6
4.1
2.2
0ZRM0110FF
3
13.3 18.3
5.1
7.6
4.1
2.2
0ZRM0125FF
4
14
21.7
5.1
7.6
4.1
2.2
0ZRM0130FF
3
15.5 20.6
5.1
7.6
4.1
2.2
0ZRM0135AF
4
16.3 21.7
5.1
7.6
4.1
2.2
0ZRM0160FF
3
17.5 22.5
5.1
7.6
4.1
2.2
0ZRM0185FF
3
19.9 24.9
5.1
7.6
4.1
2.2
0ZRM0200FF
4
23.5 27.9
10.2
7.6
4.1
2.2
0ZRM0250FF
3
22.5 27.5
10.2
7.6
4.1
2.2
0ZRM0300FF
3
25.5
30
10.2
7.6
4.1
2.2
0ZRM0375FF
3
29.5
34
10.2
7.6
4.1
2.2
0ZRM0010FF~0ZRM0050FF
Lead Size :24AWG
Φ 0.51 mm Diameter
Fig 2.
Lead Size :22AWG
Bulk
Figure
Part Number
Hold
Current
Trip
Current
Max Time
to Trip
@ 5xIH
0ZRM0125FF~0ZRM0185FF
0ZRM0200FF~0ZRM0375FF
Φ 0.65 mm Diameter
Fig 3.
Fig 4.
Lead Size : 20AWG
Φ 0.81 mm Diameter
1. These devices have been investigated for use in safety circuits and
are suitable as a limiting device.
Fig 1.
Lead Size :20AWG
Φ 0.81 mm Diameter
0ZRM0065FF~0ZRM0110FF
Typical
Power
Reel / Tape
Resistance Tolerance
Max
Current
Rated
Voltage
Part Number
(Bulk Package)
defining a degree of excellence
Radial Leaded PTC
0ZRM Series
RoHS6 Compliant
Electrical Characteristic (23
o C)
Physical Specifications:
Product Dimensions (Millimeter)
PTC Marking
Standard Package


Numéro de pièce similaire - 0ZRM0075AF1E

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
0ZRM0075AF1E BEL-0ZRM0075AF1E Datasheet
2Mb / 4P
   Radial Leaded PTC
More results

Description similaire - 0ZRM0075AF1E

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com