Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43L711IU Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL43L711IU
Description  Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L711IU Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL43L711IU Datasheet HTML 1Page - Intersil Corporation ISL43L711IU Datasheet HTML 2Page - Intersil Corporation ISL43L711IU Datasheet HTML 3Page - Intersil Corporation ISL43L711IU Datasheet HTML 4Page - Intersil Corporation ISL43L711IU Datasheet HTML 5Page - Intersil Corporation ISL43L711IU Datasheet HTML 6Page - Intersil Corporation ISL43L711IU Datasheet HTML 7Page - Intersil Corporation ISL43L711IU Datasheet HTML 8Page - Intersil Corporation ISL43L711IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6092.1
ISL43L710, ISL43L711, ISL43L712
Ultra Low ON-Resistance, Single Supply,
Differential SPST Analog Switches
The Intersil ISL43L710, ISL43L711, ISL43L712 devices are
low ON-resistance, low voltage, bidirectional, precision,
differential single-pole/single-throw (SPST) analog switches
designed to operate from a single +1.65V to +3.6V supply.
Targeted applications include battery powered equipment
that benefit from low RON (0.16Ω), low power consumption
(0.12
µW) and fast switching speeds (tON = 13ns,
tOFF = 13ns).
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL43L71X are offered in small form factor
packages, alleviating board space limitations.
The ISL43L710, ISL43L711, ISL43L712 are differential
single-pole/single-throw (SPST) devices. The ISL43L710
has two normally open (NO) switches; the ISL43L711 has
two normally closed (NC) switches; the ISL43L712 has one
normally open (NO) and one normally closed (NC) switch
and can be used as an SPDT. The ISL43L712 is equipped
with an inhibit pin to simultaneously open all signal paths.
Table 1 summarizes the performance of this family.
Related Literature
Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”.
Application Note AN557 “Recommended Test Procedures
for Analog Switches”.
Features
• Pb-Free Available (RoHS Compliant) (See Ordering info)
• Low ON Resistance (RON)
- V+ = 3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.16
- V+ = 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26
•RON Matching Between Channels. . . . . . . . . . . . . . . 0.005Ω
•RON Flatness Over Signal Range . . . . . . . . . . . . . . . 0.008Ω
• Single Supply Operation. . . . . . . . . . . . . . . . +1.65V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . <0.12µW
• Fast Switching Action (V+ = 3.0V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >8kV
• 1.8V Logic Compatible (+3V Supply)
• Available in 8-Ld thin DFN and 8-Ld MSOP Packages
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL43L710
ISL43L711
ISL43L712
NUMBER OF
SWITCHES
222
SW 1/SW 2
NO/NO
NC/NC
NO/NC
1.8V RON
0.26
0.26
0.26
1.8V tON/tOFF
30ns/25ns
30ns/25ns
30ns/25ns
3V RON
0.16
0.16
0.16
3V tON/tOFF
13ns/13ns
13ns/13ns
13ns/13ns
PACKAGES
8 Ld 3x3 thin DFN, 8 Ld MSOP
Truth Table
LOGIC
ISL43L710
ISL43L711
SW 1, 2
SW 1, 2
0OFF
ON
1ON
OFF
INH
LOGIC
ISL43L712
SW 1
SW 2
1X
OFF
OFF
00
OFF
ON
0
1
ON
OFF
NOTE: Logic “0”
≤ 0.5V. Logic “1” ≥ 1.4V with a 3V Supply.
Data Sheet
November 4, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL43L711IU

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43L711IU INTERSIL-ISL43L711IU Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L711IU RENESAS-ISL43L711IU Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results

Description similaire - ISL43L711IU

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com