Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54503 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL54503
Description  1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54503 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL54503 Datasheet HTML 4Page - Intersil Corporation ISL54503 Datasheet HTML 5Page - Intersil Corporation ISL54503 Datasheet HTML 6Page - Intersil Corporation ISL54503 Datasheet HTML 7Page - Intersil Corporation ISL54503 Datasheet HTML 8Page - Intersil Corporation ISL54503 Datasheet HTML 9Page - Intersil Corporation ISL54503 Datasheet HTML 10Page - Intersil Corporation ISL54503 Datasheet HTML 11Page - Intersil Corporation ISL54503 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6551.2
October 26, 2009
Supply Sequencing And Overvoltage
Protection
With any CMOS device, proper power supply
sequencing is required to protect the device from
excessive input currents, which might permanently
damage the IC. All I/O pins contain ESD protection
diodes from the pin to V+ and to GND (see Figure 9).
To prevent forward biasing these diodes, V+ must be
applied before any input signals, and the input signal
voltages must remain between V+ and GND.
If these conditions cannot be guaranteed then
precautions must be implemented to prohibit the
current and voltage at the logic pin and signal pins
from exceeding the maximum ratings of the switch.
The following two methods can be used to provide
additional protection to limit the current in the event
that the voltage at a signal pin or logic pin goes below
ground or above the V+ rail.
Logic inputs can easily be protected by adding a 1kΩ
resistor in series with the input (see Figure 9). The
resistor limits the input current below the threshold
that produces permanent damage, and the
sub-microamp input current produces an insignificant
voltage drop during normal operation.
This method is not acceptable for the signal path
inputs. Adding a series resistor to the switch input
defeats the purpose of using a low rON switch.
Connecting Schottky diodes to the signal pins (as
shown in Figure 9) will shunt the fault current to the
supply or to ground, thereby protecting the switch.
These Schottky diodes must be sized to handle the
expected fault current.
Power-Supply Considerations
The ISL54503 construction is typical of most single
supply CMOS analog switches, in that they have two
supply pins: V+ and GND. V+ and GND drive the
internal CMOS switches and set their analog voltage
limits. Unlike switches with a 4V maximum supply
voltage, the ISL54503 5.5V maximum supply voltage
provides plenty of room for the 10% tolerance of 3.6V
supplies, as well as room for overshoot and noise
spikes.
The minimum recommended supply voltage is 1.8V but
the part will operate with a supply below 1.8V. It is
important to note that the input signal range, switching
times, and ON-resistance degrade at lower supply
voltages. Refer to the “Electrical Specifications” tables
starting on page 3 and the “Typical Performance
Curves” starting on page 10 for details.
V+ and GND also power the internal logic and level
shifters. The level shifters convert the input logic levels
to switched V+ and GND signals to drive the analog
switch gate terminals.
This family of switches cannot be operated with bipolar
supplies, because the input switching point becomes
negative in this configuration.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.5V and
1.4V) over a supply range of 2V to 3.6V (see
Figure 16). At 3.6V the VIH level is about 0.95V. This is
still below the 1.8V CMOS guaranteed high output
minimum level of 1.4V, but noise margin is reduced.
The digital input stages draw supply current whenever
the digital input voltage is not at one of the supply
rails. Driving the digital input signals from GND to V+
with a fast transition time minimizes power dissipation.
High-Frequency Performance
In 50Ω systems, the ISL54503 has a -3dB bandwidth
of 250MHz (see Figure 17). The frequency response is
very consistent over a wide V+ range, and for varying
analog signal levels.
FIGURE 8. V+ SERIES RESISTOR FOR ENHANCED
ESD AND LATCH-UP IMMUNITY
IN
COM
100Ω
NO
NC
V+
GND
C
OPTIONAL
PROTECTION
RESISTOR
FIGURE 9. OVERVOLTAGE PROTECTION
GND
VCOM
VNX
V+
INX
OPTIONAL
PROTECTION
RESISTOR
OPTIONAL
SCHOTTKY
DIODE
OPTIONAL
SCHOTTKY
DIODE
ISL54503


Numéro de pièce similaire - ISL54503

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
ISL54503IHZ-T RENESAS-ISL54503IHZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
ISL54503IRUZ-T RENESAS-ISL54503IRUZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results

Description similaire - ISL54503

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com