Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54500 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL54500
Description  1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54500 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL54500 Datasheet HTML 1Page - Intersil Corporation ISL54500 Datasheet HTML 2Page - Intersil Corporation ISL54500 Datasheet HTML 3Page - Intersil Corporation ISL54500 Datasheet HTML 4Page - Intersil Corporation ISL54500 Datasheet HTML 5Page - Intersil Corporation ISL54500 Datasheet HTML 6Page - Intersil Corporation ISL54500 Datasheet HTML 7Page - Intersil Corporation ISL54500 Datasheet HTML 8Page - Intersil Corporation ISL54500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6549.2
November 9, 2009
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P,
RL =600Ω
25
-
0.01
-
%
-3dB Bandwidth
Signal = 0dBm, RL = 50Ω
25
-
350
-
MHz
NO or NC OFF Capacitance,
COFF
V+ = 4.5V, f = 1MHz, VNO or
VNC =VCOM = 0V (See Figure 7)
25
-
6
-
pF
COM ON Capacitance, CCOM(ON) V+ = 4.5V, f = 1MHz, VNO or
VNC =VCOM = 0V (See Figure 7)
25
-
12
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.8
-
5.5
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+
25
-
0.02
0.1
µA
Full
-
0.5
2.5
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
--
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-0.1
0.044
0.1
µA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V
to V+, (Note 14, See Figure 5)
25
-
6.3
7
Ω
Full
-
-
8
Ω
rON Matching Between
Channels, ΔrON
V+ = 2.7V, ICOM = 100mA, VNO or
VNC =1.5V (Note 14)
25
-
0.05
0.3
Ω
Full
-
-
0.4
Ω
rON Flatness, rFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V
to V+, (Notes 13, 14)
25
-
1.8
2.3
Ω
Full
-
-
2.5
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 1)
25
-
28
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 1)
25
-
20
-
ns
Full
-
30
-
ns
Break-Before-Make Time Delay,
tD
V+ = 3.0V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 3)
Full
-
22
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (See Figure 2)
25
-
12
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VP-p
(See Figure 4)
25
-
75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω
25
-
0.4
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P,
RL = 600Ω
25
-
0.053
-
%
-3dB Bandwidth
Signal = 0dBM, RL = 50Ω
25
-
350
-
MHz
NO or NC OFF Capacitance,
COFF
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 7)
25
-
6
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 7)
25
-
12
-
pF
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.0V, VINL = 0.8V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ISL54500


Numéro de pièce similaire - ISL54500

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54500IHZ-T RENESAS-ISL54500IHZ-T Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54500IRUZ-T RENESAS-ISL54500IRUZ-T Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
More results

Description similaire - ISL54500

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
logo
ON Semiconductor
NL5S4257B ONSEMI-NL5S4257B Datasheet
428Kb / 13P
   5ohm SPDT Switch
May, 2021 - Rev. 0
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
logo
Savitech Corp.
SV74157A SAVITECH-SV74157A Datasheet
254Kb / 8P
   Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com