Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22319WFU8Z Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL22319WFU8Z
Description  Single Digitally Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22319WFU8Z Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL22319WFU8Z Datasheet HTML 1Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 2Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 3Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 4Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 5Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 6Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 7Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 8Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6310.0
July 3, 2006
NOTES:
5. Typical values are for TA = 25°C and 3.3V supply voltage.
6. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
7. ZS error = V(RW)0/LSB.
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05*
VCC
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin
A1, A0, SHDN, SDA, and SCL Pin
Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at SDA
and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
Time the Bus Must be Free before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1 * Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2~2.5k
Ω
For Cb = 40pF, max is about 15~20k
Ω
1k
Ω
tSU:A
A1 and A0 Setup Time
Before START condition
600
ns
tHD:A
A1 and A0 Hold Time
After STOP condition
600
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
ISL22319


Numéro de pièce similaire - ISL22319WFU8Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL22319WFU8Z RENESAS-ISL22319WFU8Z Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
More results

Description similaire - ISL22319WFU8Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com