Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ485 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce 2SJ485
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ485 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  2SJ485 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ485
No.6434–2/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Tc=25˚C
Switching Time Test Circuit
PW
≤10µs, duty cycle≤1%
PW=10µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
S
ID=--2A
RL=15Ω
VDD=--30V
VOUT
2SJ485
VIN
D
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
6
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
4
–A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
6
1
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
1W
0
2W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
6
–V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
6
=
S
G
0
=0
0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
6
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV S
G
)
f
f
o
(V S
D
I
,
V
0
1
=
D
A
m
1
=0
.
1
–5
.
2
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
2
=4
.
28
.
3S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R S
D
1
)
n
o
(ID
V
,
A
2
=
S
G
V
0
1
=0
5
20
3
3m
R S
D
2
)
n
o
(ID
V
,
A
2
=
S
G
V
4
=0
5
30
8
4m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
2
=0
7
3F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
2
=0
2
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
2
=5
2F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
4s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
7
1s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1
1s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
4
=
S
G
0
=0
.
1
–2
.
1
–V
Marking : J485


Numéro de pièce similaire - 2SJ485

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
2SJ485 VBSEMI-2SJ485 Datasheet
989Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Description similaire - 2SJ485

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com