Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22446 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL22446
Description  Quad Digitally Controlled Potentiometer XDCP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22446 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL22446 Datasheet HTML 1Page - Intersil Corporation ISL22446 Datasheet HTML 2Page - Intersil Corporation ISL22446 Datasheet HTML 3Page - Intersil Corporation ISL22446 Datasheet HTML 4Page - Intersil Corporation ISL22446 Datasheet HTML 5Page - Intersil Corporation ISL22446 Datasheet HTML 6Page - Intersil Corporation ISL22446 Datasheet HTML 7Page - Intersil Corporation ISL22446 Datasheet HTML 8Page - Intersil Corporation ISL22446 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6181.2
September 9, 2009
Block Diagram
SPI
INTERFACE
VCC
RH0
RH1
RH2
RH3
GND
RL0
RL1
RL2
RL3
RW0
RW1
RW2
RW3
SCK
SDI
SDO
CS
WR3
WR2
WR1
WR0
SHDN
POWER UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
Pin Descriptions
TSSOP PIN
NUMBER
TQFN PIN
NUMBER
SYMBOL
DESCRIPTION
1
3
RH3
“High” terminal of DCP3
2
4
RL3
“Low” terminal of DCP3
3
5
RW3
“Wiper” terminal of DCP3
4
6
NC
No connect
5
7
SCK
SPI clock input
6
8
SDO
SPI Open drain Data Output
7
9
GND
Device ground pin
8
10
RW2
“Wiper” terminal of DCP2
9
11
RL2
“Low” terminal of DCP2
10
12
RH2
“High” terminal of DCP2
11
13
RW1
“Wiper” terminal of DCP1
12
14
RL1
“Low” terminal of DCP1
13
15
RH1
“High” terminal of DCP1
14
16
CS
SPI Chip Select active low input
15
17
SDI
SPI Data Input
16
18
VCC
Power supply pin
17
19
SHDN
Shutdown active low input
18
20
RH0
“High” terminal of DCP0
19
1
RL0
“Low” terminal of DCP0
20
2
RW0
“Wiper” terminal of DCP0
EPAD*
Exposed Die Pad internally connected to GND
*NOTE: PCB thermal land for QFN EPAD should be connected to GND plane or left floating. For more information refer to
http://www.intersil.com/data/tb/TB389.pdf
ISL22446


Numéro de pièce similaire - ISL22446

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22446 RENESAS-ISL22446 Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
ISL22446UFRT20Z RENESAS-ISL22446UFRT20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
ISL22446UFV20Z RENESAS-ISL22446UFV20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
ISL22446WFRT20Z RENESAS-ISL22446WFRT20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results

Description similaire - ISL22446

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com