Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59446IRZ-T7 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL59446IRZ-T7
Description  500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59446IRZ-T7 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL59446IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6261.0
May 19, 2006
BW
Small Signal -3dB Bandwidth
VOUT = 0.2VP-P; RL = 500Ω, CL = 1.1pF
620
MHz
VOUT = 0.2VP-P; RL = 150Ω, CL = 2.1pF
530
MHz
Large Signal -3dB Bandwidth
VOUT = 2VP-P; RL = 500Ω, CL = 1.1pF
280
MHz
VOUT = 2VP-P; RL = 150Ω, CL = 1.1pF
260
MHz
FBW
0.1dB Bandwidth
VOUT = 2VP-P; RL = 500Ω, CL = 1.1pF
160
MHz
VOUT = 2VP-P; RL = 150Ω, CL = 1.1pF
50
MHz
SR
Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL = 2.1pF
1600
V/µs
TRANSIENT RESPONSE
tr, tf Large
Signal
Large Signal Rise, Fall Times, tr, tf,
10% - 90%
VOUT = 2VP-P; RL = 500Ω, CL = 1.1pF
1.2
ns
VOUT = 2VP-P; RL = 150Ω, CL = 2.1pF
1.3
ns
tr, tf, Small
Signal
Small Signal Rise, Fall Times, tr, tf,
10% - 90%
VOUT = 0.2VP-P; RL = 500Ω, CL = 1.1pF
0.7
ns
VOUT = 0.2VP-P; RL = 150Ω, CL = 2.1pF
0.9
ns
ts 0.1%
Settling TIme to 0.1%
VOUT = 2VP-P; RL = 500Ω, CL = 1.1pF
7.2
ns
VOUT = 2VP-P; RL = 150Ω, CL = 2.1pF
8.2
ns
ts 1%
Settling TIme to 1%
VOUT = 2VP-P; RL = 500Ω, CL = 1.1pF
4
ns
VOUT = 2VP-P; RL = 150Ω, CL = 2.1pF
4.3
ns
SWITCHING CHARACTERISTICS
VGLITCH
Channel -to-Channel Switching Glitch
VIN = 0V, RL = 500Ω; CL = 1.1pF
90
mVP-P
VIN = 0V, RL = 150Ω; CL = 2.1pF
15
mVP-P
Enable Switching Glitch
VIN = 0V, RL = 500Ω; CL = 1.1pF
1.8
VP-P
VIN = 0V, RL = 150Ω; CL = 2.1pF
1.35
VP-P
HIZ Switching Glitch
VIN = 0V, RL = 500Ω; CL = 1.1pF
340
mVP-P
VIN = 0V, RL = 150Ω; CL = 2.1pF
340
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
24
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
24
ns
tpd
Propagation Delay
10% to 10%
0.55
ns
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, VOUT = ±2VP-P and RL = 500Ω to GND, CL = 0pF, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL59446


Numéro de pièce similaire - ISL59446IRZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59446IRZ-T7 RENESAS-ISL59446IRZ-T7 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results

Description similaire - ISL59446IRZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com