Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28474 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL28474
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28474 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL28474 Datasheet HTML 1Page - Intersil Corporation ISL28474 Datasheet HTML 2Page - Intersil Corporation ISL28474 Datasheet HTML 3Page - Intersil Corporation ISL28474 Datasheet HTML 4Page - Intersil Corporation ISL28474 Datasheet HTML 5Page - Intersil Corporation ISL28474 Datasheet HTML 6Page - Intersil Corporation ISL28474 Datasheet HTML 7Page - Intersil Corporation ISL28474 Datasheet HTML 8Page - Intersil Corporation ISL28474 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6345.0
December 13, 2006
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/
μs
Input Current (IN, FB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage (IN, FB) . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD tolerance, Human Body Model . . . . . . . . . . . . . . . . . . . . . . 3kV
ESD tolerance, Machine Model . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
16 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
112
24 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
88
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
INSTRUMENTATION AMPLIFIER “A” V+ = +5V, VS- = GND, VCM = 1/2VS+ TA = +25°C, unless otherwise
specified. For ISL28274 ONLY. Boldface limits apply over the operating temperature range, -40°C to
+125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
400
-750
35
400
750
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
Temperature = -40°C to +125°C
0.7
µV/°C
IOS
Input Offset Current between IN+ and
IN-, and between FB+ and FB-
(see Figure 44 for extended temperature range)
-40°C to +85°C
-30
-80
±
530
80
pA
IB
Input Bias Current (IN+, IN-, FB+, and
FB- terminals)
(see Figure 36 and 37 for extended temperature
range)
-40°C to +85°C
-30
-80
±10
30
80
pA
eN
Input Noise Voltage
f = 0.1Hz to 10Hz
0.75
µVP-P
Input Noise Voltage Density
fo = 1kHz
210
nV/
√Hz
iN
Input Noise Current Density
fo = 1kHz
0.65
pA/
√Hz
RIN
Input Resistance
1G
Ω
VIN
Input Voltage Range
V+ = 2.4V to 5.0V
0
V+
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 5V
80
75
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5V
80
75
100
dB
EG
Gain Error
RL = 100kΩ to 2.5V
-0.2
%
SR
Slew Rate
RL = 1kΩ to GND
0.40
0.35
0.5
0.65
0.70
V/µs
GBWP
Gain Bandwidth Product
2.5
MHz
Electrical Specifications
OPERATIONAL AMPLIFIER “B” VS+ = +5V, VS- = GND, VCM = 1/2VS+ TA = +25°C, unless otherwise
specified. For ISL28274 ONLY. Boldface limits apply over the operating temperature range, -40°C to
+125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
-225
-450
±
20
225
450
µV
Long Term Input Offset Voltage
Stability
1.2
µV/Mo
Input Offset Drift vs Temperature
2.2
µV/°C
IOS
Input Offset Current
(see Figure 46 for extended temperature range)
-40°C to +85°C
-30
-80
±
530
80
pA
ΔV
OS
ΔTime
------------------
ΔV
OS
ΔT
----------------
ISL28274, ISL28474


Numéro de pièce similaire - ISL28474

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28470 INTERSIL-ISL28470 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28470EVAL1Z INTERSIL-ISL28470EVAL1Z Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28470EVAL1Z INTERSIL-ISL28470EVAL1Z Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28470EVAL1Z RENESAS-ISL28470EVAL1Z Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28470FAZ INTERSIL-ISL28470FAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
More results

Description similaire - ISL28474

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com