Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28248FBZ-T7 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL28248FBZ-T7
Description  4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28248FBZ-T7 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL28248FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28248FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6337.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28148, ISL28248, ISL28448
4.5MHz, Single Dual and Quad Precision
Rail-to-Rail Input-Output (RRIO) Op Amps
with Very Low Input Bias Current
The ISL28148, ISL28248 and ISL28448 are 4.5MHz
low-power single, dual and quad operational amplifiers. The
parts are optimized for single supply operation from 2.4V to
5.5V, allowing operation from one lithium cell or two Ni-Cd
batteries.
The single, dual and quad feature an Input Range
Enhancement Circuit (IREC) which enables them to maintain
CMRR performance for input voltages greater than the
positive supply. The input signal is capable of swinging
0.25V above the positive supply and to 100mV below the
negative supply with only a slight degradation of the CMRR
performance. The output operation is rail-to-rail.
The parts draw minimal supply current (900µA per amplifier)
while meeting excellent DC accuracy, AC performance,
noise and output drive specifications. The ISL28148 features
an enable pin that can be used to turn the device off and
reduce the supply current to a maximum of 16µA. Operation
is guaranteed over -40°C to +125°C temperature range.
Features
• 4.5MHz gain bandwidth product
• 900µA supply current (per amplifier)
• 1.8mV maximum offset voltage
• 1pA typical input bias current
• Down to 2.4V single supply operation
• Rail-to-rail input and output
• Enable pin (ISL28148 SOT-23 package only)
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Ordering Information
PART NUMBER
PART MARKING
PACKAGE
(Pb-free)
PKG. DWG. #
ISL28148FHZ-T7* (Note 1)
GABT
6 Ld SOT-23 (Tape and Reel)
MDP0038
ISL28148FHZ-T7A* (Note 1)
GABT
6 Ld SOT-23 (Tape and Reel)
MDP0038
Coming Soon, ISL28148FIZ-T7 (Note 2)
178Z
6 Ld WLCSP (1.5mmx1.0mm)
W3x2.6C
Coming Soon, ISL28248FBZ (Note 1)
28248BZ
8 Ld SOIC
MDP0027
Coming Soon, ISL28248FBZ-T7* (Note 1)
28248BZ
8 Ld SOIC (Tape and Reel)
MDP0027
Coming Soon, ISL28248FUZ (Note 1)
8248Z
8 Ld MSOP
MDP0043
Coming Soon, ISL28248FUZ-T7* (Note 1)
8248Z
8 Ld MSOP (Tape and Reel)
MDP0043
Coming Soon, ISL28448FVZ (Note 1)
MXZ
14 Ld TSSOP
MDP0044
Coming Soon, ISL28448FVZ-T7* (Note 1)
MXZ
14 Ld TSSOP (Tape and Reel)
MDP0044
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
2. These Intersil Pb-free WLCSP and BGA packaged products products employ special Pb-free material sets; molding compounds/die attach
materials and SnAgCu - e1 solder ball terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free WLCSP and BGA packaged products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
March 13, 2008


Numéro de pièce similaire - ISL28248FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28248FBZ-T7 RENESAS-ISL28248FBZ-T7 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
More results

Description similaire - ISL28248FBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com