Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL60002DIH320Z-TK Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL60002DIH320Z-TK
Description  Precision, Low Noise FGA Voltage References
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH320Z-TK Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL60002DIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
FN8082.16
May 4, 2009
ISC
Short Circuit Current (to GND)*
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
Electrical Specifications ISL60002-26, VOUT = 2.600V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Electrical Specifications ISL60002-30, VOUT = 3.000V Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF,
TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
3.000
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B30
-1.0
+1.0
mV
ISL60002C30
-2.5
+2.5
mV
ISL60002D30
-5.0
+5.0
mV
VIN
Input Voltage Range
3.2
5.5
V
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔV
OUT/ΔVIN
Line Regulation
+3.2V
≤ V
IN ≤ +5.5V
80
250
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
150
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 4)
ΔT
A = +125°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 5)
TA = +25°C; First 1khrs
50
ppm
ISC
Short Circuit Current (to GND)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
Electrical Specifications ISL60002-33, VOUT = 3.300V Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF,
TA = -40 to +105°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
3.300
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B33
-1.0
1.0
mV
ISL60002C33
-2.5
2.5
mV
ISL60002D33
-5.0
5.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
20
ppm/°C
VIN
Input Voltage Range
3.5
5.5
V
IIN
Supply Current
350
700
nA
ΔVOUT/ΔVIN
Line Regulation
+3.5V
≤ VIN ≤ +5.5V
80
200
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 20mA
25
100
µV/mA
-20mA
≤ I
SINK ≤ 0mA
50
150
µV/mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 4)
ΔTA = +145°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 5)
TA = +25°C; First 1khrs
50
ppm
ISC
Short Circuit Current (to GND)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
ISL60002


Numéro de pièce similaire - ISL60002DIH320Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002DIH320Z-TK RENESAS-ISL60002DIH320Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Description similaire - ISL60002DIH320Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com