Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL36411DRZ-TS Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL36411DRZ-TS
Description  Quad Lane Extender
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36411DRZ-TS Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL36411DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 9Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 10Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 11Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ISL36411
11
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6965.1
March 25, 2010
For additional products, see www.intersil.com/product_tree
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The
Company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones,
handheld products, and notebooks. Intersil's product families address power management and analog signal
processing functions. Go to www.intersil.com/products for a complete list of Intersil product families.
*For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device
information page on intersil.com: ISL36411
To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff
FITs are available from our website at http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to
web to make sure you have the latest Rev.
DATE
REVISION
CHANGE
3/16/10
FN6965.1
page 4
• Control pin characteristics:
VOL : delete typical “0”
• Input current: max 200, typ 100
page 5
• Output res jitter: 0.35
• In Entries from Lane-to-Lane Skew all the way down, all the numbers should
move to typ column
Added High-Speed pins to ESD Ratings as follows to Abs Max Ratings:
ESD Ratings
Human Body Model
High-Speed Pins 1.5kV
All Other Pins 2kV
Removed board footprint from page 10 due to information covered in outline drawing.
2/8/10
FN6965.0
Initial Release


Numéro de pièce similaire - ISL36411DRZ-TS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL36411DRZ-TS RENESAS-ISL36411DRZ-TS Datasheet
640Kb / 12P
   Quad Lane Extender
More results

Description similaire - ISL36411DRZ-TS

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com