Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL36411DRZ-TS Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL36411DRZ-TS
Description  Quad Lane Extender
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36411DRZ-TS Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL36411DRZ-TS Datasheet HTML 1Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 2Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 3Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL36411
3
FN6965.1
March 25, 2010
Pin Functions and Definitions
PIN NAME
PIN NUMBER
DESCRIPTION
VDD
1, 5, 9, 13, 24,
27, 28, 31, 32,
35, 36, 39
Power supply. 1.2V supply voltage. The use of parallel 100pF and 10nF decoupling capacitors to
ground is recommended for each of these pins for broad high-frequency noise suppression.
IN1[P, N]
2, 3
Equalizer 1 differential input, CML. the use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
LOSB1
4
LOS BAR indicator 1. Low output when IN1 signal is below DT threshold.
IN2[P, N]
6, 7
Equalizer 2 differential input, CML. the use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
LOSB2
8
LOS BAR indicator 2. Low output when IN2 signal is below DT threshold.
IN3[P, N]
10, 11
Equalizer 3 differential input, CML. the use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
LOSB3
12
LOS BAR indicator 3. Low output when IN3 signal is below DT threshold.
IN4[P, N]
14, 15
Equalizer 4 differential input, CML. the use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
LOSB4
16
LOS BAR indicator 4. Low output when IN4 signal is below DT threshold.
GND
17, 23, 40, 46 These pins should be grounded.
DT2
18
Detection Threshold for equalizers 3 and 4. Reference DC voltage threshold for input signal
power detection. Data output OUT3 and OUT4 are muted when the power of IN3 and IN4,
respectively, fall below the threshold. Tie to ground to disable electrical idle preservation and
always enable the limiting amplifier.
CP2[A,B]
19, 20
Control pins for setting equalizers 3 and 4. CMOS logic inputs. Pins are read as a 2-digit number
to set the boost level. A is the MSB, and B is the LSB. Pins are internally pulled down through a
25kΩ resistor.
NC
21, 22, 41, 45 not connected: do not make any connections to these pins.
OUT4[N, P]
25, 26
Equalizer 4 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
OUT3[N, P]
29, 30
Equalizer 3 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
OUT2[N, P]
33, 34
Equalizer 2 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
OUT1[N, P]
37, 38
Equalizer 1 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
6GHz frequency response is recommended.
CP1[B, A]
42, 43
Control pins for setting equalizers 1 and 2. CMOS logic inputs. Pins are read as a 2-digit number
to set the boost level. A is the MSB, and B is the LSB. Pins are internally pulled down through a
25kΩ resistor.
DT1
44
Detection Threshold for equalizers 1 and 2. Reference DC voltage threshold for input signal
power detection. Data output OUT1 and OUT2 are muted when the power of IN1 and IN2,
respectively, fall below the threshold. Tie to ground to disable electrical idle preservation and
always enable the limiting amplifier.
Exposed Pad
-
Exposed ground pad. For proper electrical and thermal performance, this pad should be
connected to the PCB ground plane.


Numéro de pièce similaire - ISL36411DRZ-TS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL36411DRZ-TS RENESAS-ISL36411DRZ-TS Datasheet
640Kb / 12P
   Quad Lane Extender
More results

Description similaire - ISL36411DRZ-TS

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com