Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3L501ERUAR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3L501ERUAR
Description  16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3L501ERUAR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TS3L501ERUAR Datasheet HTML 6Page - Texas Instruments TS3L501ERUAR Datasheet HTML 7Page - Texas Instruments TS3L501ERUAR Datasheet HTML 8Page - Texas Instruments TS3L501ERUAR Datasheet HTML 9Page - Texas Instruments TS3L501ERUAR Datasheet HTML 10Page - Texas Instruments TS3L501ERUAR Datasheet HTML 11Page - Texas Instruments TS3L501ERUAR Datasheet HTML 12Page - Texas Instruments TS3L501ERUAR Datasheet HTML 13Page - Texas Instruments TS3L501ERUAR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Network Analyzer
(HP8753ES)
RL = 50 W
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VDD
VBIAS
0B2
A1
1B1
1B2
TS3L501E
www.ti.com
SCDS307A – SEPTEMBER 2010 – REVISED SEPTEMBER 2010
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
A 50-
Ω termination resistor is needed to match the loading of the network analyzer.
Figure 9. Test Circuit for OFF Isolation (OIRR)
OFF isolation is measured at the output of the OFF channel. For example, when VSEL = GND and A1 is the input,
the output is measured at 1B2. All unused analog input (A) ports are connected to ground, and output (B) ports
are left open.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS3L501E


Numéro de pièce similaire - TS3L501ERUAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3L501ERUAR TI-TS3L501ERUAR Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results

Description similaire - TS3L501ERUAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com