Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1280 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC1280
Description  Very Low Distortion Digital-to-Analog Converter for Seismic Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC1280 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC1280 Datasheet HTML 4Page - Texas Instruments DAC1280 Datasheet HTML 5Page - Texas Instruments DAC1280 Datasheet HTML 6Page - Texas Instruments DAC1280 Datasheet HTML 7Page - Texas Instruments DAC1280 Datasheet HTML 8Page - Texas Instruments DAC1280 Datasheet HTML 9Page - Texas Instruments DAC1280 Datasheet HTML 10Page - Texas Instruments DAC1280 Datasheet HTML 11Page - Texas Instruments DAC1280 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/64
8k FFT
V
= 0.5dBFS, 31.25Hz
THD = 113.1dB
SNR = 99.3dB
OUT
-
-
10
8
6
4
2
0
Absolute Gain Match (ppm)
30 Units
Gain Match over T = 40 C to +85
-
A
C
°
°
1500
1000
500
0
1000
1500
-
-
-
500
-55
-35
-15
5
25
45
65
85
105
125
Temperature ( C)
°
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
10
8
6
4
2
0
Gain Error (ppm)
30 Units
Gain = 1/1
200
150
100
50
0
100
150
200
-
-
-
50
-
-55
-35
-15
5
25
45
65
85
105
125
Temperature ( C)
°
G = 1/1
G = 1/2
G = 1/4
G = 1/8
G = 1/16
G = 1/32
G = 1/64
10
8
6
4
2
0
Offset (ppm, FS)
30 Units
Gain = 1/1
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = +2.5V, DVDD = +3.3V, CLK = 4.096MHz, VREF = +5V, and RREF = 30kΩ, unless
otherwise noted. Data acquired using circuit configuration shown in Figure 35. THD and SNR measured by ADS1282 (1ms
sampling and complement gain setting).
OUTPUT SPECTRUM
GAIN MATCH HISTOGRAM
Figure 8.
Figure 9.
GAIN ERROR vs TEMPERATURE
GAIN ERROR HISTOGRAM
Figure 10.
Figure 11.
OFFSET vs TEMPERATURE
OFFSET HISTOGRAM
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280


Numéro de pièce similaire - DAC1280

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC1280IPW TI1-DAC1280IPW Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280IPWR TI1-DAC1280IPWR Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
More results

Description similaire - DAC1280

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
   CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com