Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZX30B Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce NZX30B
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX30B Fiches technique(HTML) 5 Page - NXP Semiconductors

  NZX30B Datasheet HTML 1Page - NXP Semiconductors NZX30B Datasheet HTML 2Page - NXP Semiconductors NZX30B Datasheet HTML 3Page - NXP Semiconductors NZX30B Datasheet HTML 4Page - NXP Semiconductors NZX30B Datasheet HTML 5Page - NXP Semiconductors NZX30B Datasheet HTML 6Page - NXP Semiconductors NZX30B Datasheet HTML 7Page - NXP Semiconductors NZX30B Datasheet HTML 8Page - NXP Semiconductors NZX30B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
5 of 12
NXP Semiconductors
NZX series
Single Zener diodes
7V5
A
7.0
7.3
15
1
5
B
7.2
7.6
C
7.3
7.7
D
7.5
7.9
X
7.07
7.45
8V2
A
7.7
8.1
20
0.7
5
B
7.9
8.3
C
8.1
8.5
D
8.3
8.7
9V1
A
8.5
8.9
20
0.5
6
B
8.7
9.1
C
8.9
9.3
D
9.1
9.5
E
9.3
9.7
10
A
9.5
9.9
25
0.2
7
B
9.7
10.1
C
9.9
10.3
D
10.2
10.6
11
A
10.4
10.8
25
0.1
8
B
10.7
11.1
C
10.9
11.3
D
11.1
11.6
12
A
11.4
11.9
35
0.1
8
B
11.6
12.1
C
11.9
12.4
D
12.2
12.7
X
11.44
12.03
13
A
12.4
12.9
35
0.1
8
B
12.6
13.1
C
12.9
13.4
14
A
13.2
13.7
35
0.05
9.8
B
13.5
14.0
C
13.8
14.3
Table 8.
Characteristics per type; NZX2V4A to NZX18C …continued
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =5mA
IZ =5mA
Min
Max
Max
Max
VR (V)


Numéro de pièce similaire - NZX30B

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
NZX36X NEXPERIA-NZX36X Datasheet
937Kb / 13P
   Single Zener diodes
Rev. 4 - 28 November 2011
More results

Description similaire - NZX30B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com