Moteur de recherche de fiches techniques de composants électroniques |
|
CC2510FX Fiches technique(PDF) 19 Page - Texas Instruments |
|
CC2510FX Fiches technique(HTML) 19 Page - Texas Instruments |
19 / 244 page CC2510Fx / CC2511Fx SWRS055F Page 19 of 241 Parameter Min Typ Max Unit Condition/Note PLL turn-on / hop time 4 72.4 81.4 75.2 81.4 81.4 81.4 µs CC2510Fx CC2511Fx Time from leaving the IDLE state until arriving in the RX, FSTXON, or TX state, when not performing calibration. Crystal oscillator running. RX to TX switch 4 29.0 32.6 30.1 32.6 32.6 32.6 µs CC2510Fx CC2511Fx Settling time for the 1·IF frequency step from RX to TX TX to RX switch 4 30.0 33.6 31.1 33.6 33.6 33.6 µs CC2510Fx CC2511Fx Settling time for the 1·IF frequency step from TX to RX PLL calibration time 4 707 796 735 796 796 796 µs CC2510Fx CC2511Fx Calibration can be initiated manually or automatically before entering or after leaving RX/TX. Note: This is the PLL calibration time given that TEST0=0x0B and FSCAL3.CHP_CURR_CAL_EN=10 (max calibration time). Please see DN110 [11] for more details Table 16: Frequency Synthesizer Parameters 6.9 Analog Temperature Sensor TA= 25°C, VDD = 3.0V if nothing else stated. All measurement results are obtained using the CC2510EM reference designs ([1]). Parameter Min Typ Max Unit Condition/Note Output voltage at −40 °C 0.654 V Output voltage at 0 °C 0.750 V Output voltage at 40 °C 0.848 V Output voltage at 80 °C 0.946 V Temperature coefficient 2.43 mV/ °C Fitted from −20 °C to 80°C Error in calculated temperature, calibrated −2 * 0 2 * °C From −20 °C to 80°C when using 2.43 mV/°C, after 1-point calibration at room temperature * The indicated minimum and maximum error with 1-point calibration is based on measured values for typical process parameters Current consumption increase when enabled 0.3 mA Table 17: Analog Temperature Sensor Parameters 4 fRef = fXOSC for CC2510Fx and fRef = f fXOSC xosc/2 for CC2511Fx For CC2510Fx Min figures are given using f XOSC = 27 MHz. Typ figures are given using fXOSC = 26 MHz, and Max figures are given using f XOSC = 24 MHz. For CC2511Fx, fXOSC = 48 MHz The system clock frequency is equal to f Ref and the data rate is 250 kBaud. See DN110 [11] for more details. |
Numéro de pièce similaire - CC2510FX_10 |
|
Description similaire - CC2510FX_10 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |