Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6755 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN6755
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN6755_10 Datasheet HTML 1Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6755 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
DC Supply Voltage
(1, 2)
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VSENSE
SENSE Pin Input Voltage
-0.3
7.0
V
VVIN
VIN Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
400
mW
ΘJA
Thermal Resistance (Junction-to-Air)
150
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Human Body Model,
JEDEC: JESD22-A114
All Pins Except HV Pin
4.5
kV
Charged Device Model,
JEDEC: JESD22-C101
All Pins Except HV Pin
1.0
Notes
:
1.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
3.
ESD with HV pin CDM=1000V and HBM=500V.


Numéro de pièce similaire - FAN6755_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755UW FAIRCHILD-FAN6755UW Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755W FAIRCHILD-FAN6755W Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Description similaire - FAN6755_10

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com