Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4860UMP5X Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN4860UMP5X
Description  3MHz, 5V Output Synchronous TinyBoost??Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4860UMP5X Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4860UMP5X Datasheet HTML 6Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 9Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 10Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 11Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 12Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 13Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.0.3
10
To ensure that VOUT does not pump significantly above the
regulation point, the boost switch remains off as long as
FB > VREF.
Fault State
The regulator enters the FAULT state under any of the
following conditions:
VOUT fails to achieve the voltage required to advance from
LIN state to SS state.
VOUT fails to achieve the voltage required to advance from
SS state to BST state.
Sustained (32 CLK counts) pulse-by-pulse current limit
during the BST state.
The regulator moves from BST to LIN state due to a short
circuit or output overload (VOUT < VIN-1V).
Once a fault is triggered, the regulator stops switching and
presents a high-impedance path between VIN and VOUT. After
waiting 480 CLK counts, a re-start is attempted.
Soft-Start and Fault Timing
The soft-start timing for each state, and the fault times, are
determined by the fault clock, whose period is inversely
proportional to VIN. This allows the regulator more time to
charge larger values of COUT when VIN is lower. With higher
VIN, this also reduces power delivered to VOUT during each
cycle in current limit.
The number of clock counts for each state is illustrated in
Figure 27.
Figure 27. Fault Response into Short Circuit
The fault clock period as a function of VIN is shown in Figure 28.
Figure 28. Fault Clock Period vs. VIN
The VIN-dependent LIN mode charging current is illustrated
in Figure 29.
Figure 29. LIN Mode Current vs. VIN
Over-Temperature Protection (OTP)
The regulator shuts down when the thermal shutdown
threshold is reached. Restart, with soft-start, occurs when
the IC has cooled by about 30°C.
Over-Current Protection (OCP)
During boost-mode operation, the FAN4860 employs a
cycle-by-cycle peak current limit to protect switching
elements. Sustained current limit, for 32 consecutive fault
CLK counts, initiates a fault condition.
During an overload condition, as VOUT collapses to
approximately
VIN-1V,
the
synchronous
rectifier
is
immediately switched off and a fault condition is declared.
Automatic restart occurs once the overload/short is removed
and the fault timer completes counting.


Numéro de pièce similaire - FAN4860UMP5X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN4860UMP5X ONSEMI-FAN4860UMP5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
More results

Description similaire - FAN4860UMP5X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com