Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1358B Fiches technique(PDF) 39 Page - Maxim Integrated Products

No de pièce MAX1358B
Description  16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1358B Fiches technique(HTML) 39 Page - Maxim Integrated Products

Back Button MAX1358B Datasheet HTML 35Page - Maxim Integrated Products MAX1358B Datasheet HTML 36Page - Maxim Integrated Products MAX1358B Datasheet HTML 37Page - Maxim Integrated Products MAX1358B Datasheet HTML 38Page - Maxim Integrated Products MAX1358B Datasheet HTML 39Page - Maxim Integrated Products MAX1358B Datasheet HTML 40Page - Maxim Integrated Products MAX1358B Datasheet HTML 41Page - Maxim Integrated Products MAX1358B Datasheet HTML 42Page - Maxim Integrated Products MAX1358B Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
16-Bit, Data-Acquisition System with ADC, DACs,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
______________________________________________________________________________________
39
The MUX register configures the positive and negative
mux inputs and can start an ADC conversion.
S (ADR0): Conversion start bit. The S bit is the LSB of
the MUX register address byte. S = 1 resets the regis-
ters inside the ADC filter and initiates a conversion or
calibration. The conversion begins immediately after
the eighth MUX register data bit, when S = 1 and when
writing to the MUX register. This allows the new MUX
and ADC register settings to take effect simultaneously
for a new conversion, if STRT = 0 during the last write
to the ADC register. If the S bit is asserted and the
command is a read from the MUX register, the conver-
sion starts immediately after the S bit (ADR0) is clocked
in by the rising edge of SCLK.
Read the MUX register with S = 1 for the fastest method
of initiating a conversion because only 8 bits are
required. The subsequent MUX register read is valid,
but can be aborted by raising CS with no harmful side
effects. The initial conversion requires four conversion
cycles for valid output data. If CONT = 0 and S = 1, the
ADC stops after a single conversion and holds the
result in the DATA register. If CONT = 1 and S = 1, the
ADC performs continuous conversions at the rate
specified by the RATE<2:0> bits until CONT deasserts
or ADCE deasserts, powering down the ADC. When a
conversion initiates using the S bit, the STRT bit asserts
and deasserts automatically after the initial conversion
completes. Writing to the MUX register with S = 0 caus-
es the MUX settings to change immediately and the
ADC continues in its prior state with its settings unaf-
fected. When the ADC is powered down, MUX inputs
are open.
MUXP<3:0>: MUX positive input bits. These four bits
select one of 10 inputs from the positive MUX to go to the
positive output of the MUX as shown in Table 8. Any
writes to the MUX register take effect immediately once
the LSB (MUXN0) is clocked by the rising edge of SCLK.
MUXN<3:0> MUX negative input bits. These four bits
select one of 10 inputs from the negative MUX to go to
the negative output of the MUX as shown in Table 9. Any
writes to the MUX register take effect immediately once
the LSB (MUXN0) is clocked by the rising edge of SCLK.
The DATA register contains the data from the most
recently completed conversion.
The OFFSET CAL register contains the 24-bit data of
the most recently completed offset calibration.
MSB
LSB
S (ADR0)
MUXP3
MUXP2
MUXP1
MUXP0
MUXN3
MUXN2
MUXN1
MUXN0
MUX Register (Power-On State: 0000 0000)
POSITIVE MUX
INPUT
MUXP3
MUXP2
MUXP1
MUXP0
AIN1
0000
SNO1
0001
FBA
0010
SCM1
0011
FBB
0100
SNC1
0101
IN1-
0110
TEMP+
0111
REF
1000
AGND
1001
101
X
Open
11
X
X
Table 8. Selecting the Positive MUX Inputs
X = Don’t care.
NEGATIVE
MUX INPUT
MUXN3
MUXN2
MUXN1
MUXN0
TEMP-
0
0
0
0
SNO2
0
0
0
1
OUTA
0
0
1
0
SCM2
0
0
1
1
OUTB
0
1
0
0
SNC2
0
1
0
1
OUT1
0
1
1
0
AIN2
0
1
1
1
REF
1
0
0
0
AGND
1
0
0
1
10
1X
Open
11
X
X
Table 9. Selecting the Negative MUX Inputs
X = Don’t care.


Numéro de pièce similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX135 MAXIM-MAX135 Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135C/D MAXIM-MAX135C/D Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CPI MAXIM-MAX135CPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CWI MAXIM-MAX135CWI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135EPI MAXIM-MAX135EPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
More results

Description similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com