Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5749 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5749 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5749
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
0.005
VIN (V)
4mA TO 20mA EXTERNAL RSET RESISTOR
0mA TO 24mA EXTERNAL RSET RESISTOR
Figure 5. Integral Nonlinearity Error vs. VIN, External RSET Resistor
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
0.005
4mA TO 20mA INTERNAL RSET RESISTOR
0mA TO 24mA INTERNAL RSET RESISTOR
VIN (V)
Figure 6. Integral Nonlinearity Error vs. VIN, Internal RSET Resistor
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA EXTERNAL RSET LINEARITY
0mA TO 24mA EXTERNAL RSET LINEARITY
Figure 7. Integral Nonlinearity Current Mode, External RSET Sense Resistor
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA INTERNAL RSET LINEARITY
0mA TO 24mA INTERNAL RSET LINEARITY
Figure 8. Integral Nonlinearity Current Mode, Internal RSET Sense Resistor
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.05
4mA TO 20mA EXTERNAL RSET TUE
0mA TO 24mA EXTERNAL RSET TUE
VIN (V)
Figure 9. Total Unadjusted Error vs. VIN, External RSET Resistor
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.05
VIN (V)
4mA TO 20mA INTERNAL RSET TUE
0mA TO 24mA INTERNAL RSET TUE
Figure 10. Total Unadjusted Error vs. VIN, Internal RSET Resistor


Numéro de pièce similaire - AD5749

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
More results

Description similaire - AD5749

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com