Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5421AREZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5421AREZ
Description  16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5421AREZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5421AREZ Datasheet HTML 4Page - Analog Devices AD5421AREZ Datasheet HTML 5Page - Analog Devices AD5421AREZ Datasheet HTML 6Page - Analog Devices AD5421AREZ Datasheet HTML 7Page - Analog Devices AD5421AREZ Datasheet HTML 8Page - Analog Devices AD5421AREZ Datasheet HTML 9Page - Analog Devices AD5421AREZ Datasheet HTML 10Page - Analog Devices AD5421AREZ Datasheet HTML 11Page - Analog Devices AD5421AREZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DB23
DB15
DB0
1
8
9
24
SCLK
SYNC
SDIN
SDO
D15
D0
DB23
DB0
DB15
1
8
9
24
DB16
DB16
INPUT WORD SPECIFIES REGISTER TO BE READ
UNDEFINED DATA
SPECIFIED REGISTER DATA CLOCKED OUT
NOP OR REGISTER ADDRESS


Numéro de pièce similaire - AD5421AREZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5421ACPZ-REEL7 AD-AD5421ACPZ-REEL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

Description similaire - AD5421AREZ

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Texas Instruments
RCV420JPG4 TI1-RCV420JPG4 Datasheet
195Kb / 12P
[Old version datasheet]   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Analog Devices
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com