Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA-QFE52SF-M-Z-T-01 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce CA-QFE52SF-M-Z-T-01
Description  Carrier Adaptor (CA), QFP 52 position QFP ZIF socket with test points and pluggable intermediate interface compatible with SF-QFE52SF-L-03 surface-mount foot (lead-less) shown (not included).
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE52SF-M-Z-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-QFE52SF-M-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Compatiblility
17.6mm
0.8mm
1.0mm typ.
<15.13mm
>17.04mm
Target Land Requirements
16.79mm
0.661"
Top View
Side View
61.60mm [2.425"]
27.64mm *
[1.347"]
6.98mm *
[0.525"]
1.00mm typ.
0.039"
45.72mm
[1.800"]
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
Status: Released
Drawing: P Jasmin
Scale: 2:1
Rev: A
Date: 1/5/00
Modified:
File: CA-QFE52SF-M-Z-T-01 Dwg
CA-QFE52SF-M-Z-T-01 Drawing
© 2000 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
3
1
Substrate: 0.0625"±0.007" FR4/G10 or equivalent high
temp material. 1/2 oz. Cu clad. SnPb plating
Pins: Material- Brass Alloy 360 1/2 hard; finish- 10µ" Au
over 50µ" Ni (min.).
Description: Carrier Adaptor (CA), QFP
52 position QFP ZIF socket with test points and pluggable intermediate interface compatible with SF-QFE52SF-L-03
surface-mount foot (lead-less) shown (not included).
1
2
4
5
Test points: material- Phosphor Bronze; plating- Sn over
50µ" Ni. Gold flash on contact end.
Socket Contacts: base: material- Berilium Copper;
plating- Au over Ni.
2
Pins: shell material- Brass Alloy 360 1/2 hard; finish-
10µ" Au over 50µ" Ni (min.). Contact material- BeCu;
finish 10µ" Au over 100µ" Ni (min.)
3
4
* Mated
1
5


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn