Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA-QFE44SE-L-Z-T-01 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce CA-QFE44SE-L-Z-T-01
Description  Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE44SE-L-Z-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-QFE44SE-L-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Carrier Adaptor
44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
1
Date: 11/23/99
CA-QFE44SE-L-Z-T-01 Drawing
Rev: A
Status: Released
File: CA-QFE44SE-L-Z-T-01 Dwg
Modified:
Scale: 2:1
Drawing: Wayne Watson
© 1999 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Top View
Side View
Pins: shell material- Brass Alloy 360 1/2 hard; finish-
10µ" Au over 50µ" Nil (min.). Contact material-
BeCu; finish 10µ" Au over 100µ" Ni (min.)
3
2
Substrate: 0.0625"±0.007" FR4/G10 or equivalent
high temp material. 1/2 oz. Cu clad. SnPb plating
Test points: material- Phosphor Bronze; plating-
Sn over 50µ" Ni. Gold flash on contact end.
1
See SF-QFE44SE-L-01
2.000
2.500
1.2" assembled
3
2
0.100 Typ.


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn