Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA-QFE44SB-L-Z-T-01 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce CA-QFE44SB-L-Z-T-01
Description  QFP CARRIER ADAPTOR 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE44SB-L-Z-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-QFE44SB-L-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
2.500"
0.750"
0.100" typ.
0.200"
1.400"
1.968"
0.219"
0.764"
0.228"
0.125" (plugged)
0.525"
0.8mm
Date: 11/13/96
CA-QFE44SB-L-Z-T-01 Drawing
Rev: B
Status: released
File:
CA-QFE044SB-L-Z-T-01 Dwg
Modified: 5/8/97, MT
Side View
Scale: 2:1
Drawing: K. Krawza
Top View
Description: QFP CARRIER ADAPTOR
44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP
emulator foot. The foot is designed to replace a 44 pin 0.8mm pitch device. The 2 piece adaptor interconnects via a
gold plated (0.05" center) Mini-grid socket interface.
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
Pins: Material- Brass Alloy 360 1/2 hard; finish- 10µ"
Au over 50µ" Ni (min.).
Pins: shell material- Brass Alloy 360 1/2 hard; finish-
10µ" Au over 50µ" Nil (min.). Contact material- BeCu;
finish 10µ" Au over 100µ" Ni (min.)
3
2
Substrate: 0.0625"±0.007" FR4/G10 or equivalent high
temp material. 1/2 oz. Cu clad. SnPb plating
1
1
2
3
© 1996 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn