Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB380 Fiches technique(PDF) 1 Page - Sirectifier Global Corp.

No de pièce SB380
Description  Power Schottky Rectifier - 3Amp 20~100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRECT [Sirectifier Global Corp.]
Site Internet  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB380 Fiches technique(HTML) 1 Page - Sirectifier Global Corp.

  SB380 Datasheet HTML 1Page - Sirectifier Global Corp. SB380 Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 3Amp 20~100Volt
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.10 grams
Maximum ratings and Electrical characteristics
TYPE
SB320 SB330 SB340 SB350 SB360 SB380 SB3100 UNIT
Maximum Recurrent Peak Reverse Voltage
20
30
40
50
60
80
100
V
Maximum RMS Voltage
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
3.0
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load
80
A
Maximum Instantaneous Forward Voltage at 3.0A
0.55
0.65
0.82
V
Repetitive peak avalanche power, tp = 1μs Tj = 25 ºC
1300
2000
W
Ta = 25ºC
0.5
0.3
0.01
Maximum DC Reverse Current at Rated
DC Blocking Voltage
Ta = 100ºC
20
15
10
mA
Typical Junction Capacitance
250
pF
Typical Thermal Resistance RθJA
20
ºC/W
Operating Temperature Range TJ
-50 - 125
ºC
Storage Temperature Range TSTG
-65 - 150
ºC
Note: Pulse Test : 380μs pulse width, 2% duty cycle
August 2007 / Rev.5
DO-27 / DO-201AD
.220(5.6)
.197(5.0)
.052(1.3)
.048(1.2)
E
L
E
C
T
R
O
N
I
C
SB320~SB3100


Numéro de pièce similaire - SB380

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Nanjing International G...
SB380 DGNJDZ-SB380 Datasheet
248Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SB380 DAESAN-SB380 Datasheet
295Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SB380 BILIN-SB380 Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SB380 TAYCHIPST-SB380 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB380

FabricantNo de pièceFiches techniqueDescription
logo
Sirectifier Global Corp...
SB340E SIRECT-SB340E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340LH SIRECT-SB340LH Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340 SIRECT-SB340 Datasheet
226Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340H SIRECT-SB340H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB520FC SIRECT-SB520FC Datasheet
217Kb / 3P
   Power Schottky Rectifier - 5Amp 20~100Volt
SB220 SIRECT-SB220 Datasheet
215Kb / 2P
   Power Schottky Rectifier - 2Amp 20~100Volt
SB375 SIRECT-SB375 Datasheet
181Kb / 3P
   Power Schottky Rectifier - 3Amp 75Volt
logo
International Rectifier
30BQ100 IRF-30BQ100 Datasheet
150Kb / 4P
   SCHOTTKY RECTIFIER, 3Amp
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com