Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431CDR
Description  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR Fiches technique(HTML) 3 Page - Texas Instruments

  TL431CDR Datasheet HTML 1Page - Texas Instruments TL431CDR Datasheet HTML 2Page - Texas Instruments TL431CDR Datasheet HTML 3Page - Texas Instruments TL431CDR Datasheet HTML 4Page - Texas Instruments TL431CDR Datasheet HTML 5Page - Texas Instruments TL431CDR Datasheet HTML 6Page - Texas Instruments TL431CDR Datasheet HTML 7Page - Texas Instruments TL431CDR Datasheet HTML 8Page - Texas Instruments TL431CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431CP
TL431CP
Tube of 75
TL431CD
SOIC (D)
TL431C
Reel of 2500
TL431CDR
SOP (PS)
Reel of 2000
TL431CPSR
T431
Reel of 3000
TL431CDBVR
T3C_
Reel of 250
TL431CDBVT
SOT-23-5 (DBV)
Reel of 3000
TL432CDBVR
T4C_
Reel of 250
TL432CDBVT
Reel of 3000
TL431CDBZR
T3C_
0°C to 70°C
Reel of 250
TL431CDBZT
SOT-23-3 (DBZ)
Reel of 3000
TL432CDBZR
T4C_
Reel of 250
TL432CDBZT
TL431CPK
43
SOT-89 (PK)
Reel of 1000
TL432CPK
2A
Bulk of 1000, straight lead
TL431CLP
TO-226/TO-92 (LP)
Ammo of 2000, formed lead
TL431CLPM
TL431C
Reel of 2000, formed lead
TL431CLPR
Tube of 150
TL431CPW
TSSOP (PW)
T431
Reel of 2000
TL431CPWR
PDIP (P)
Tube of 50
TL431IP
TL431IP
Tube of 75
TL431ID
SOIC (D)
TL431I
Reel of 2500
TL431IDR
Reel of 3000
TL431IDBVR
T3I_
Reel of 250
TL431IDBVT
SOT-23-5 (DBV)
Reel of 3000
TL432IDBVR
T4I_
Reel of 250
TL432IDBVT
Reel of 3000
TL431IDBZR
-40°C to 85°C
T3I_
Reel of 250
TL431IDBZT
SOT-23-3 (DBZ)
Reel of 3000
TL432IDBZR
T4I_
Reel of 250
TL432IDBZT
TL431IPK
3I
SOT-89 (PK)
Reel of 1000
TL432IPK
2B
Bulk of 1000, straight lead
TL431ILP
TO-226/TO-92 (LP)
Ammo of 2000, formed lead
TL431ILPM
TL431I
Reel of 2000, formed lead
TL431ILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


Numéro de pièce similaire - TL431CDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431CDR TI-TL431CDR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CDR TI1-TL431CDR Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431CDR TI-TL431CDR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CDR TI1-TL431CDR Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431CDR TI-TL431CDR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Description similaire - TL431CDR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com