Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54226IRTZ-T7A Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL54226IRTZ-T7A
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54226IRTZ-T7A Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL54226IRTZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL54226
2
FN7614.0
July 29, 2010
Pin Configurations
ISL54226
(8 LD 1.2x1.4 µTQFN)
TOP VIEW
ISL54226
(8 LD 2x2 TDFN)
TOP VIEW
NOTE:
1. Switches Shown for OE/ALM = Logic “0”.
D-
1
D+
OVP
LOGIC
4MΩ
VDD
D+
COM-
COM+
D-
1
2
3
4
8
7
6
5
GND
INT
OE/ALM
PD
OVP
4MΩ
LOGIC
Pin Descriptions
µTQFN TDFN
PIN
NAME
DESCRIPTION
41
INT
Charger Mode Interrupt Output
5
2
D+
USB Data Port
6
3
COM+ USB Data Port
74
GND
Ground Connection
8
5
COM- USB Data Port
1
6
D-
USB Data Port
2
7
OE/ALM Switch Enable/Alarm (Open Drain)
Drive Low to Open Switches
Outputs a Low when OTV is
Activated
3
8
VDD
Power Supply
-
PD
PD
Thermal Pad. Tie to Ground or
Float
Truth Table
INPUT
OUTPUT
SIGNAL AT
COM PINS
OE/ALM
D-,
D+
INT
OE/ALM STATE
0V to 3.6V
0
OFF
High
Low
Normal
0V to 3.6V
1
ON
High
High
Normal
Overvoltage
Range
0OFF
High
Low
OVP
Overvoltage
Range
1OFF
High
Low
OVP
COM Pins Tied
Together
0
OFF
Low
Low
Charger
Port
(CP)
COM Pins Tied
Together
1
ON
High
High
Normal
Logic “0” when ≤0.5V, Logic “1” when ≥1.4V with a 2.7V to
3.6V Supply.
TABLE 1. OVP TRIP POINT VOLTAGE
SYSTEM VOLTAGE CONDITIONS
TRIP POINT
CODEC SUPPLY
SWITCH SUPPLY (VDD)
COMs SHORTED TO
PROTECTED
MIN
MAX
2.7V to 3.3V
2.7V to 5.25V
VBUS
Yes
3.62V
3.95V
2.7V to 3.3V
2.7V to 5.25V
-5V
Yes
-0.6V
-0.29V


Numéro de pièce similaire - ISL54226IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54226IRTZ-T7A RENESAS-ISL54226IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results

Description similaire - ISL54226IRTZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Fairchild Semiconductor
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
   Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com