Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL31491EIBZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL31491EIBZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31491EIBZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL31491EIBZ Datasheet HTML 1Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 2Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 3Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 4Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 5Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 6Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 7Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 8Page - Intersil Corporation ISL31491EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
±60V Fault Protected, 5V, RS-485/RS-422
Transceivers with ±25V Common Mode Range
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E,
ISL31496E, ISL31498E
The ISL31490E, ISL31491E, ISL31492E, ISL31493E,
ISL31495E, ISL31496E, ISL31498E are fault protected,
5V powered, differential transceivers that exceed the
RS-485 and RS-422 standards for balanced
communication. The RS-485 transceiver pins (driver
outputs and receiver inputs) are protected against faults
up to ±60V. Additionally, the extended common mode
range allows these transceivers to operate in
environments with common mode voltages up to ±25V
(>2x the RS-485 requirement), making this RS-485
family one of the most robust on the market.
Transmitters deliver an exceptional 2.5V (typical)
differential output voltage into the RS-485 specified 54Ω
load. This yields better noise immunity than standard
RS-485 ICs, or allows up to six 120Ω terminations in star
network topologies.
Receiver (Rx) inputs feature a “Full Fail-Safe” design
which ensures a logic high Rx output if Rx inputs are
floating, shorted, or on a terminated but undriven (idle)
bus. Rx outputs have high drive levels - typically 15mA
@ VOL = 1V (for opto-coupled, isolated applications).
Half duplex (Rx inputs and Tx outputs multiplexed
together) and full duplex pinouts are available. See
Table 1 on page 2 for key features and configurations by
device number.
For fault protected or wide common mode range devices
with cable invert (polarity reversal) or logic supply (VL)
pins, please see the ISL31480E data sheet.
Features
• Fault Protected RS-485 Bus Pins. . . . . . Up to ±60V
• Extended Common Mode Range . . . . . . . . . . .±25V
More than Twice the Range Required for RS-485
• 1/4 Unit Load for up to 128 Devices on the Bus
• High Transient Overvoltage Tolerance . . . . . . . ±80V
• Full Fail-safe (Open, Short, Terminated) RS-485
Receivers
• High Rx IOL for Opto-Couplers in Isolated Designs
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• Choice of RS-485 Data Rates . . . 250kbps to 15Mbps
• Low Quiescent Supply Current . . . . . . . . . . 2.3mA
• Ultra Low Shutdown Supply Current . . . . . . . . 10μA
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters/Automated Meter Reading Systems
• High Node Count Systems
• PROFIBUS™ and Field Bus Networks, and Factory
Automation
• Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
Exceptional Rx Operates at
>15Mbps Even with a ±25V
Common Mode Voltage
ISL3149xE Delivers Superior
Common Mode Range vs
Standard RS-485 Devices
TIME (20ns/DIV)
-5
0
5
10
15
20
25
30
B
VID = ±1V
A
RO
ISL3149xE
CLOSEST
COMPETITOR
STANDARD RS-485
TRANSCEIVER
-25
-20
-12
-7
0
12
25
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2010 All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 17, 2010
FN7637.0


Numéro de pièce similaire - ISL31491EIBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL31491EIBZ RENESAS-ISL31491EIBZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
More results

Description similaire - ISL31491EIBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com