Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54225IRTZEVAL1Z Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL54225IRTZEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225IRTZEVAL1Z Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL54225IRTZEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
High-Speed USB 2.0 (480Mbps) Multiplexer with
Overvoltage Protection (OVP)
ISL54225
The Intersil ISL54225 is a single supply dual 2:1
multiplexer that can operate from a single 2.7V to 5.25V
supply. It contains two SPDT (Single Pole/Double
Throw) switches configured as a DPDT. The part was
designed for switching or routing of USB High-Speed
signals and/or USB Full-speed signals in portable
battery powered products.
The 6.5Ω switches were specifically designed to pass
USB high speed/full speed data signals. They have high
bandwidth and low capacitance to pass USB high speed
data signals with minimal DISTORTION.
The ISL54225 has OVP circuitry on the D-/D+ COM pins
that opens the USB in-line switches when the voltage at
these pins exceeds 3.8V (typ) or goes negative by -0.5V
(typ). It isolates fault voltages up to +5.25V or down to
-5V from getting passed to the other-side of the switch,
thereby protecting the USB transceivers.
The digital logic inputs are 1.8V logic compatible when
operated with a 2.7V to 3.6V supply. The ISL54225 has
an output enable pin to open all the switches. It can be
used to facilitate proper bus disconnect and connection
when switching between the USB sources.
The ISL54225 is available in 10 Ld 1.8mmx1.4mm
µTQFN and 10 Ld TDFN packages. It operates over a
temperature range of -40°C to +85°C.
Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible (2.7V to +3.6V Supply)
• Enable Pin to Open all Switches
•Low Power Mode
• Power OFF Protection
• D-/D+ Pins Overvoltage Protection for +5.25V and
-5V Fault Voltages
• -3dB Frequency . . . . . . . . . . . . . . . . . . . . 780MHz
• Low ON Capacitance @ 240MHz . . . . . . . . . . 3.3pF
• Low ON-Resistance . . . . . . . . . . . . . . . . . . . . 6.5Ω
• Single Supply Operation (VDD) . . . . . 2.7V to 5.25V
• Available in µTQFN and TDFN Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and
Overvoltage Requirements Without Additional
External Components
Applications*(see page 16)
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Digital Cameras and Camcorders
• USB Switching
Typical Application
USB 2.0 HS Eye Pattern With
Switches in the Signal Path
ISL54225
USB
TRANSCEIVER
D-
D+
GND
HSD1+
HSD1-
VDD
OE
µP
VBUS
D-
D+
GND
OVP
500Ω
SEL
LOGIC
CONTROL
3.3V
USB
TRANSCEIVER
HSD2+
HSD2-
TIME SCALE (0.2ns/DIV)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 2, 2010
FN7627.0


Numéro de pièce similaire - ISL54225IRTZEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Description similaire - ISL54225IRTZEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com