Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54225 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL54225
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL54225_10 Datasheet HTML 1Page - Intersil Corporation ISL54225_10 Datasheet HTML 2Page - Intersil Corporation ISL54225_10 Datasheet HTML 3Page - Intersil Corporation ISL54225_10 Datasheet HTML 4Page - Intersil Corporation ISL54225_10 Datasheet HTML 5Page - Intersil Corporation ISL54225_10 Datasheet HTML 6Page - Intersil Corporation ISL54225_10 Datasheet HTML 7Page - Intersil Corporation ISL54225_10 Datasheet HTML 8Page - Intersil Corporation ISL54225_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN7627.0
July 2, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
VDD to Dx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10.5V
Dx to HSD1x, HSD2x . . . . . . . . . . . . . . . . . . . . . . . . .8.6V
Input Voltages
HSD2x, HSD1x . . . . . . . . . . . . . . . . . . . . . - 0.3V to 6.5V
SEL, OE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
Output Voltages
D+, D- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to 6.5V
Continuous Current (HSD2x, HSD1x) . . . . . . . . . . . .±40mA
Peak Current (HSD2x, HSD1x)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . ±100mA
ESD Rating:
Human Body Model (Tested per JESD22-A114-F) . . .>5.5kV
Machine Model (Tested per JESD22-A115-A). . . . . . . >250V
Charged Device Model (Tested per JESD22-C101-D) . . >2kV
Latch-up Tested per JEDEC; Class II Level A . . . . . at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld µTQFN Package (Note 6, 7) .
210
165
10 Ld TDFN Package (Notes 8, 9). .
58
22
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
VDD Supply Voltage Range . . . . . . . . . . . . . . 2.7V to 5.25V
Logic Control Input Voltage . . . . . . . . . . . . . . . 0V to 5.25V
Analog Signal Range
VDD = 2.7V to 5.25V . . . . . . . . . . . . . . . . . . . 0V to 3.6V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
7. For θJC, the “case temp” location is taken at the package top center.
8. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
9. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V,
VSELL = 0.5V, VOEH =1.4V, VOEL = 0.5V, (Note 10), Unless
Otherwise Specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12) TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
(High-Speed)
VDD = 2.7V, SEL = 0.5V or 1.4V, OE =0.5V,
IDx = 17mA, VHSD1x or VHSD2x = 0V to 400mV
(see Figure 3, Note 15)
25
-
6.5
8
Ω
Full
-
-
10
Ω
rON Matching Between
Channels, ΔrON
(High-Speed)
VDD = 2.7V, SEL = 0.5V or 1.4V, OE =0.5V,
IDx = 17mA, VHSD1x or VHSD2x = Voltage at
max rON, (Notes 14, 15)
25
-
0.2
0.45
Ω
Full
-
-
0.5
Ω
rON Flatness, RFLAT(ON)
(High-Speed)
VDD = 2.7V, SEL = 0.5V or 1.4V, OE =0.5V,
IDx = 17mA, VHSD1x or VHSD2x = 0V to 400mV,
(Notes 13, 15)
25
-
0.3
0.5
Ω
Full
-
-
1
Ω
ON-Resistance, rON
VDD = 3.3V, SEL = 0.5V or 1.4V, OE =0.5V,
ICOMx = 17mA, VD+ or VD-= 3.3V (See Figure 4,
Note 15)
25
-
12
20
Ω
Full
-
-
25
Ω
OFF Leakage Current,
IHSD1x(OFF)
VDD = 5.25V, SEL = VDD and OE = VDD or
OE = 0V, VDx = 0.3V, 3.3V, VHSD1x =3.3V,
0.3V, VHSD2x = 0.3V, 3.3V
25
-20
1
20
nA
Full
-
30
-
nA
ON Leakage Current,
IHSD1x(ON)
VDD = 5.25V, SEL = OE = 0V, VDx =0.3V, 3.3V,
VHSD1X = 0.3V, 3.3V, VHSD2x = 3.3V, 0.3V
25
-
2
3
µA
Full
-
-
4
µA
OFF Leakage Current,
IHSD2x(OFF)
VDD = 5.25V, SEL = OE = 0V or OE = VDD,
VDx = 3.3V, 0.3V, VHSD2x = 0.3V, 3.3V,
VHSD1X = 3.3V, 0.3V
25
-20
1
20
nA
Full
-
30
-
nA
ISL54225


Numéro de pièce similaire - ISL54225_10

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54225IRTZ RENESAS-ISL54225IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZ-T RENESAS-ISL54225IRTZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRUZ-T RENESAS-ISL54225IRUZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRUZ-T7A RENESAS-ISL54225IRUZ-T7A Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Description similaire - ISL54225_10

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com