Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12028A Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL12028A
Description  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028A Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL12028A Datasheet HTML 4Page - Intersil Corporation ISL12028A Datasheet HTML 5Page - Intersil Corporation ISL12028A Datasheet HTML 6Page - Intersil Corporation ISL12028A Datasheet HTML 7Page - Intersil Corporation ISL12028A Datasheet HTML 8Page - Intersil Corporation ISL12028A Datasheet HTML 9Page - Intersil Corporation ISL12028A Datasheet HTML 10Page - Intersil Corporation ISL12028A Datasheet HTML 11Page - Intersil Corporation ISL12028A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
FN8233.8
August 9, 2010
Typical Performance Curves
Temperature is +25°C unless otherwise specified.
FIGURE 5. IBAT vs VBAT, SBIB = 0
FIGURE 6. IBAT vs VBAT, SBIB = 1
FIGURE 7. IDD3 vs TEMPERATURE
FIGURE 8. IBAT vs TEMPERATURE
FIGURE 9. IDD3 vs VDD
FIGURE 10.
ΔF
OUT vs ATR SETTING
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.82.3
2.8
3.3
3.84.3
4.85.3
VBAT (V)
SCL, SDA PULL-UPS = 0V
SCL, SDA PULL-UPS = VBAT
BSW = 0 OR 1
BSW = 0 OR 1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT(V)
SCL, SDA PULL-UPS = 0V
BSW = 0 OR 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-45 -35 -25 -15
-5
5
1525
354555657585
TEMPERATURE (°C)
VDD = 3.3V
VDD = 5.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-45 -35 -25 -15
-5
5
1525354555657585
TEMPERATURE (°C)
VBAT = 3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.82.3
2.83.3
3.84.3
4.8
5.3
VDD (V)
-40
-20
0
20
40
60
80
-32 -28 -24 -20 -16 -12 -8
-4
0
4
8
12 16 20 24 28
ATR SETTING
ISL12028, ISL12028A


Numéro de pièce similaire - ISL12028A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12028A INTERSIL-ISL12028A Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028A RENESAS-ISL12028A Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028AIB27Z INTERSIL-ISL12028AIB27Z Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028AIB27Z RENESAS-ISL12028AIB27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028AIV27Z INTERSIL-ISL12028AIV27Z Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Description similaire - ISL12028A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com