Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2492 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2492
Description  Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2492 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2492 Datasheet HTML 1Page - Texas Instruments TPS2492 Datasheet HTML 2Page - Texas Instruments TPS2492 Datasheet HTML 3Page - Texas Instruments TPS2492 Datasheet HTML 4Page - Texas Instruments TPS2492 Datasheet HTML 5Page - Texas Instruments TPS2492 Datasheet HTML 6Page - Texas Instruments TPS2492 Datasheet HTML 7Page - Texas Instruments TPS2492 Datasheet HTML 8Page - Texas Instruments TPS2492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
UVEN
VCC
14
R
SENSE
0.01 W
13
R
GATE
10 W
12
11
R1
R2
3
2
7
4
9
8
6
R4
41.2 kW
5
R5
8.25 kW
C
T
0.068 mF
470 kW
470 kW
SENSE
GATE
OUT
FLT
PG
IMON
TIMER
GND
VREF
PROG
OV
TPS2492/93
V
LOGIC
V
OUT
R3
M1
V
IN
C1
D1
P
LIM
= 34 W
I
LIM
= 5 A
Timeout = 10 ms
c
o
V
DS
- Drain-to-Source Voltage - V
0.1
1
10
1000
DRAIN-TO-SOURCE CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
10
100
1000
100
Programmed SOA 10 ms
10 ms
1 ms
100 ms
Operation in the gray area is limited by R
DS(on)
TPS2492
TPS2493
www.ti.com
SLUSA65A – JULY 2010 – REVISED AUGUST 2010
Positive High-Voltage Power-Limiting Hotswap Controller
With Analog Current Monitor Output
Check for Samples: TPS2492 , TPS2493
1
FEATURES
DESCRIPTION
9-V to 80-V Operation
High-Side Drive for External N-FET
The TPS2492 and TPS2493 are easy-to-use, positive
high voltage, 14-pin Hotswap Controllers that safely
Programmable FET Power Limit
drive an external N-channel FET to control load
Programmable Load Current Limit
current. The programmable power foldback protection
Programmable Fault Timer
ensures that the external FET operates inside its safe
operating area (SOA) during overload conditions by
Load Current Monitor Output
controlling of power dissipation. The programmable
Power Good and Fault Outputs
current limit and fault timer ensure the supply,
Enable/UV, OV Inputs
external
FET,
and
load
are
not
harmed
by
overcurrent. Features include inrush current limiting,
Latch or Auto Restart After Fault
controlled load turn-on, interfacing to down-stream
EVM Available SLUU425
DC-to-DC converters, and power feed protection.
Calculation Tool Available SLVC033
The analog current monitor output provides a signal
ready for sampling with an external A/D converter.
APPLICATIONS
Additional features include programmable overvoltage
Server Backplanes
and
undervoltage
shutdown,
power-good
for
Storage Area Networks (SAN)
coordinating loads with inrush, and a fault indicator to
Medical Systems
indicate an over-current shutdown.
Plug-in Modules
Base Stations
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS2492

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI1-TPS2490 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Description similaire - TPS2492

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com