Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A49xx Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS7A49xx
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A49xx Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A49xx Datasheet HTML 2Page - Texas Instruments TPS7A49xx Datasheet HTML 3Page - Texas Instruments TPS7A49xx Datasheet HTML 4Page - Texas Instruments TPS7A49xx Datasheet HTML 5Page - Texas Instruments TPS7A49xx Datasheet HTML 6Page - Texas Instruments TPS7A49xx Datasheet HTML 7Page - Texas Instruments TPS7A49xx Datasheet HTML 8Page - Texas Instruments TPS7A49xx Datasheet HTML 9Page - Texas Instruments TPS7A49xx Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
V
(V)
IN
40
5
10
15
20
25
30
35
1.205
1.2
1.195
1.19
1.185
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
100
90
80
70
60
50
40
30
20
10
0
2500
2000
1500
1000
500
0
T =+25°C
J
10mA
50mA
100mA
150mA
0mA
0
V
(V)
IN
40
5
10
15
20
25
30
35
1200
1000
800
600
400
200
0
I
=100mA
OUT
+105°C
+85°C
+25°C
-
°
40
C
+125°C
0
V
(V)
IN
40
5
10
15
20
25
30
35
2500
2000
1500
1000
500
0
0
I
(mA)
OUT
150
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
15
30
45
60
75
90
105
120
135
0
V
(V)
EN
40
100
90
80
70
60
50
40
30
20
10
0
5
10
20
30
35
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
25
15
TPS7A49xx
SBVS121A – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 1.0V or VIN = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2mF, COUT
= 2.2mF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
FEEDBACK VOLTAGE vs INPUT VOLTAGE
FEEDBACK CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
GROUND CURRENT vs INPUT VOLTAGE
GROUND CURRENT vs INPUT VOLTAGE
Figure 3.
Figure 4.
GROUND CURRENT vs OUTPUT CURRENT
ENABLE CURRENT vs ENABLE VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Numéro de pièce similaire - TPS7A49xx

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A49 TI-TPS7A49 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DGNT TI1-TPS7A4901DGNT Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results

Description similaire - TPS7A49xx

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com