Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90858-1254 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 90858-1254
Description  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, Reference K01
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90858-1254 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  90858-1254 Datasheet HTML 1Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 2Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 3Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 4Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 5Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 6Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 7Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 8Page - Molex Electronics Ltd. 90858-1254 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908581254
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, Reference K01
Documents:
3D Model
Product Specification PS-99020-0037 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
90858
Application
Wire-to-Board
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90858Series
Mates With
Appli-Mate 5.0 IDT Connector System
Female Receptacle 90835 , 90833


Numéro de pièce similaire - 90858-1254

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90858-1243 MOLEX11-90858-1243 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Silver Plating, Reference K56
90858-1244 MOLEX11-90858-1244 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Silver Plating, Reference K33
90858-1245 MOLEX11-90858-1245 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Silver Plating,Reference K09
90858-1246 MOLEX11-90858-1246 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits
90858-1247 MOLEX11-90858-1247 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Silver Plating, Reference K05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com