Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-130175-002 Datasheet(Fiches technique) 3 Page - Molex Electronics Ltd.

Numéro de pièce SD-130175-002
Description  Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130175-002 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-130175-002 Datenblatt HTML 1Page - Molex Electronics Ltd. SD-130175-002 Datenblatt HTML 2Page - Molex Electronics Ltd. SD-130175-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
13
16
2
3
4
15
1
6
14
8
7
5
15
7
12
11
12
17
11
9
1
2
3
4
10F/15F/22F HSNG SPRING SIDE - POWDER XXX
ENGINEERING
NUMBER
ITEM DESCRIPTION
MATERIAL
NUMBER
ITEM
10F/15F/22F - ASSY SPRING & CABLE DRUM
MAIN SHAFT SPACER FOR 10F/15F/22F
1302344691
5
6
7
8
9
10
11
SCREW M4X16Lg Posi PHEAD BZP
1302344711
12
SCREW M4X10LG Posi PHEAD BZP
1302344710
13
14
15
17
10F/15F/22F HSNG PLAIN SIDE - POWDER XXX
WASHER -.63 I.D.x.88 O.D.x.02 W - BZP
1302344673
M4 NYLOC NUT
1302344713
SEE CHART
SEE CHART
SEE CHART
TENSION LOCK SPRING
1301790017
GUIDE - CABLE OUTLET
1302344666
RET RING-ANDERTON N1500-62:BZP
1302344704
HANGER BRACKET FOR 10F/15F/22F BALANCER
1302261716
EXTERNAL CIRCLIP 0.625" SHAFT
1302344690
SCREW M4X45LG Posi PHD BZP
1302344712
8FT/2.4M ASSY CABLE FOR 10/15/22 F&FLR
1301790121
TOP SHACKLE ASSY WITH SAFETY PIN
1302264648
16
ROUND LABEL SEE PLANT FOR INFO ON P/N
N/A
10F
ENGINEERING
NUMBER
MATERIAL
NUMBER
1301750001
RETRACTOR MODEL:
MATERIAL
NUMBER
ITEM #1:
MATERIAL
NUMBER
ITEM #2:
1301790115
1301790006
1301750011
10F
ENGINEERING
NUMBER
MATERIAL
NUMBER
1301750001
RETRACTOR MODEL:
EACH RETRACT IS
100% TESTED
UNDER THIS WEIGHT:
10
4.5
1301750006
1301750011
LOAD CAPACITY CHART:
15F
22F
IN LBS:
IN KGS:
15
6.8
22
10
15F
22F
1301790123
1301790115 1301790123
1301790115 1301790123
MATERIAL
NUMBER
ITEM #3:
1301790124
1301790125
1301790125
10FSC
1301750005
1301790115
1301790010
1301750013
15FSC
22FSC
1301790123
1301790115 1301790123
1301790115 1301790123
1301790124
1301790125
1301790125
N/A
N/A
MATERIAL
NUMBER
ITEM 18 SAFETY CHAIN
USAGE IN ASSEMBY:
ENGINEERING
NUMBER
SSPEC
1301790328
N/A
N/A
N/A
N/A
SSPEC
18
SAFETY CABLE ASSY SEE CHART FOR USAGE
SEE CHART
10
SSPEC
1301790328
1301790328
18
SAFETY CABLE ASSEMBLY
FOR 10FLS; 15FLS & 22FLS SERIES OF
RETRACTORS
MATERIAL
NUMBER
ENGINEERING
NUMBER
SSPEC
1301790328
RETRACTOR
OUTER
COLOR
BLUE
BLUE
BLUE
BLUE
BLUE
BLUE
N/A
A
B
C
D
E
F
A
B
C
D
E
F
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
NTS
SCALE
SD-130175-002
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
OF RETRACTORS
10F/15F/22F SERIES
----
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
ANGULAR 1
NA
NA
NA
---
NA
NA
NA
NA
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
=
=
THIRD ANGLE
PROJECTION
B
C
A
0
0
SEE TABLE
2 OF 2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn