Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-90879-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-90879-001
Description  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys: 2A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-90879-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-90879-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-90879-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908790470
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural,
Unblocked Position Keys: 2A, Unblocked Coding Keys: 01C, Latch Position 1/2, 2
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
90879
Application
Wire-to-Board
Comments
Male Indirect Receptacle Reference K01
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Silver
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.154 In
PC Tail Length (mm)
3.90 mm
PCB Locator
Yes
PCB Retention
N/A
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90879Series
Mates With
91338 Appli-Mate Female Connector. Appli-
Mate 5.0 IDT Connector System Female
Receptacle 90833 , 90835. Appli-Mate
RAST 5 IDT Housing 91777 , 91778


Numéro de pièce similaire - SD-90879-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-90879-001 MOLEX11-SD-90879-001 Datasheet
672Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys
SD-90879-001 MOLEX11-SD-90879-001 Datasheet
672Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Key
SD-90879-001 MOLEX11-SD-90879-001 Datasheet
672Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural Unblocked Position Keys
SD-90879-001 MOLEX11-SD-90879-001 Datasheet
671Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys
SD-90879-001 MOLEX11-SD-90879-001 Datasheet
672Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys: 1B & 2A
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com