Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

93037-2502 Datasheet(Fiches technique) 1 Page - Molex Electronics Ltd.

Numéro de pièce 93037-2502
Description  2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Female, 8 Circuits, With Pips and Slots
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93037-2502 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  93037-2502 Datasheet HTML 1Page - Molex Electronics Ltd. 93037-2502 Datenblatt HTML 2Page - Molex Electronics Ltd. 93037-2502 Datenblatt HTML 3Page - Molex Electronics Ltd. 93037-2502 Datenblatt HTML 4Page - Molex Electronics Ltd. 93037-2502 Datenblatt HTML 5Page - Molex Electronics Ltd. 93037-2502 Datenblatt HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930372502
Status:
Active
Overview:
rast_25_connector_system
Description:
2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Female, 8 Circuits, With Pips and
Slots
Documents:
3D Model
Product Specification PS-99020-0040 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
IDT and Solder Connectors
Series
93037
Comments
various possibilities for temperature range: 4 Amp:-20°C
to + 60°C with header 2 Amp:-20°C to +120°C double
sided PCB or Header 2 Amp:-20°C to +110°C single
sided PCB
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Tray
Pitch - Mating Interface (in)
0.980 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Temperature Range - Operating
-20°C to +110°C, -20C TO +120C, -20°C to +60°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22
Electrical
Current - Maximum per Contact
2A, 4A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Application Specification
AS-99033-0008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93037Series
Mates With
90860 , 90861 , 90873
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006200


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn