Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

94518-0401 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 94518-0401
Description  High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin Plated Brass, AWG 12-16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94518-0401 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  94518-0401 Datasheet HTML 1Page - Molex Electronics Ltd. 94518-0401 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945180401
Status:
Active
Description:
High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin
Plated Brass, AWG 12-16
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94518-006 (PDF)
General
Product Family
Crimp Terminals
Series
94518
Crimp Quality Equipment
Yes
Product Name
High Normal Force (HNF) Termin
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Wire Insulation Diameter
3.60-4.30mm(.142-.169")
Wire Size AWG
12, 14, 16
Wire Size mm²
1.5 TO 3.00
Material Info
Reference - Drawing Numbers
Product Specification
PS-94518-006
Sales Drawing
SD-94518-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94518Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0638132700
Mini-Mac™
Applicator
0638926100
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 94518-0401

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
94518-0400 MOLEX11-94518-0400 Datasheet
121Kb / 2P
   High Normal Force (HNF) Female Terminal
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com