Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-120090-003 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-120090-003
Description  Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male Length 0.50m (1.64 )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120090-003 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-120090-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120090-003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200905074
Status:
Active
Overview:
nanochange_40m841_products
Description:
Nano-Change® (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male
Length 0.50m (1.64' ) Length, with 4 Poles on Mating Side
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152210
General
Product Family
Industrial Receptacles
Series
120090
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
nanochange_40m841_products
Product Name
Nano-Change® (M8)
Type
Single Ended (pigtail)
Physical
Coupling Type
External Thread
Gender
Male
Keyway
None
Length
0.20m (7.87")
Material - Component
Nickel-plated Brass
Mounting Thread Size
M8 x 0.5
Orientation
Straight
Panel Mount
Back, Front
Poles
4
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
Leads
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
60V AC / 75V DC
Material Info
Old Part Number
4R4F06E02C200
Reference - Drawing Numbers
Sales Drawing
SD-120090-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120090Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-120090-003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-120090-003 MOLEX11-SD-120090-003 Datasheet
108Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.30m
SD-120090-003 MOLEX11-SD-120090-003 Datasheet
105Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.20m (7.87") Length
More results

Description similaire - SD-120090-003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1200905069 MOLEX11-1200905069 Datasheet
108Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.30m
1200905079 MOLEX11-1200905079 Datasheet
105Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.20m (7.87") Length
1200905069 MOLEX-1200905069_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
1200905079 MOLEX-1200905079_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
1200905074 MOLEX-1200905074_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Male (Straight) to Leads
1200905106 MOLEX11-1200905106 Datasheet
109Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Female, Male 0.20m (7.87") Length
1200905071 MOLEX11-1200905071 Datasheet
109Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Female, Male 0.30m (11.81") Length,
1200905073 MOLEX11-1200905073 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.30m (11.81") Length
1200905076 MOLEX-1200905076_V01 Datasheet
36Kb / 1P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905080 MOLEX11-1200905080 Datasheet
99Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com