Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

94512-0200 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 94512-0200
Description  Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm짼 (10-18 AWG) Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94512-0200 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  94512-0200 Datasheet HTML 1Page - Molex Electronics Ltd. 94512-0200 Datasheet HTML 2Page - Molex Electronics Ltd. 94512-0200 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945120200
Status:
Active
Description:
Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm² (10-18
AWG) Wire, Accepts 6.30mm (.250") x 0.81mm (.032") Tab , Unplated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
94512
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Unplated
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-25°C to +55°C
Termination Interface: Style
Crimp or Compression
Wire Size AWG
10, 14, 16, 18, 24
Wire Size mm²
1.00 - 2.50
Electrical
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-94512-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94512Series
Use With
94090 Quick Disconnect Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator, Use with
Applicator Rear Feed
0638042000
Hand Crimp Tool for
Quick Disconnect,
High Reliability
Crimp Terminals
(HRT), Female for
1.00-2.50mm²
0638194200


Numéro de pièce similaire - 94512-0200

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
94512-0201 MOLEX11-94512-0201 Datasheet
128Kb / 3P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.30mm
More results

Description similaire - 94512-0200

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0945120201 MOLEX11-0945120201 Datasheet
128Kb / 3P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.30mm
0638194200 MOLEX-0638194200 Datasheet
36Kb / 1P
   Hand Crimp Tool for Quick Disconnect, High Reliability Crimp Terminals (HRT), Female for 1.00-2.50mm짼
11/02/2021
0945120101 MOLEX11-0945120101 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
0945120100 MOLEX11-0945120100 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
0945120211 MOLEX11-0945120211 Datasheet
127Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT)
0945120301 MOLEX11-0945120301 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 2.50-6.00mm짼 (4-12 AWG)
63819-4200 MOLEX11-63819-4200 Datasheet
42Kb / 1P
   Hand Crimp Tool for Quick Disconnect, High Reliability Crimp Terminals (HRT), Female for 1.00-2.50mm
0940304081 MOLEX11-0940304081 Datasheet
78Kb / 2P
   Quick Disconnect, Male for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
63823-6300 MOLEX11-63823-6300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Quick Disconnect, High Reliability Terminal (HRT)
ATS-6382507HM MOLEX-ATS-6382507HM Datasheet
649Kb / 8P
   Tool Kit for Quick Disconnect (HRT) Female Terminal
04-04-11
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com