Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-130060-004 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-130060-004
Description  Mini-Change® MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130060-004 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-130060-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130060-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300600017
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Passive Distribution Boxes
Series
130060
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Physical
Bus I/O
Mini-Change®
Cable Connector Orientation
Straight
Cable Length
N/A
Home Run Cable Length
N/A
Home Run Connector
Mini-Change® - 10 pole
Home Run Interface
N/A
Keyway
Single
LED Indicator
No
Material - Cable Jacket
N/A
Material - Housing
PBT
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Orientation
Side Mount
Poles
3
Poles (wired)
3
Ports
8
Temperature Range - Operating
-25°C to +90°C
Wiring Configuration
Single I/O per Port
Electrical
Current - Maximum per Contact
7A
Functional Wiring
Parallel
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
409P801
Reference - Drawing Numbers
Sales Drawing
SD-130060-004
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130060Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn