Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-130094-001 Datasheet(Fiches technique) 1 Page - Molex Electronics Ltd.

Numéro de pièce SD-130094-001
Description  Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 4", Cable Diameter 7.62-9.91mm
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130094-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-130094-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130094-001 Datenblatt HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940524
Status:
Active
Overview:
brad_wire_mesh_grips
Description:
Support Grips for Fiber Optics, Closed Mesh, Single Eye, Bale Length 4", Cable
Diameter 7.62-9.91mm (.300-.390")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Single eye
Insulated
No
O-Ring
No
Overview
brad_wire_mesh_grips
Product Name
Fiber Optic
Type
Strain Relief Grips
Woodhead
Yes
Physical
Approximate Break Strength
300 lbs
Bale Length
0.102m (4.00")
Body Style
N/A
Cable Diameter
7.62-9.91mm (.300-.390")
Color - Grommet
N/A
Gender
N/A
Material - Body
Aluminum
Material - Grip
Non-magnetic Tin Bronze Wire
Mesh Length
0.064m (2.50")
Number of Holes
N/A
Strain Relief Force
35 lbs
Thread Size
N/A
Material Info
Old Part Number
36672
Reference - Drawing Numbers
Sales Drawing
SD-130094-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn