Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90663-2303 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 90663-2303
Description  2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 30 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90663-2303 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  90663-2303 Datasheet HTML 1Page - Molex Electronics Ltd. 90663-2303 Datasheet HTML 2Page - Molex Electronics Ltd. 90663-2303 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V AC/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0015
Sales Drawing
SDA-90663E
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 90663-2303

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90663-2163 MOLEX11-90663-2163 Datasheet
155Kb / 3P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 16 Circuits
90663-2203 MOLEX11-90663-2203 Datasheet
155Kb / 3P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 20 Circuits
90663-2263 MOLEX11-90663-2263 Datasheet
155Kb / 3P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 26 Circuits
90663-2403 MOLEX11-90663-2403 Datasheet
155Kb / 3P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 40 Circuits
90663-2643 MOLEX11-90663-2643 Datasheet
155Kb / 3P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 64 Circuits
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com