Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

92315-0603 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 92315-0603
Description  Picoflex짰 PF-50 IDT-to-IDT, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

92315-0603 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  92315-0603 Datasheet HTML 1Page - Molex Electronics Ltd. 92315-0603 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0923150603
Status:
Active
Overview:
picoflex
Description:
Picoflex® PF-50 IDT-to-IDT, 6 Circuits, 1.10m (3.61' ) Length
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92315
Connector to Connector
Picoflex® IDT-to-IDT
Overview
picoflex
Product Name
Picoflex®
Physical
Cable Length
1.10m (3.61' )
Circuits (Loaded)
6
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.000
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Single Ended
No
Termination Interface: Style
IDT or Pierce
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
PVC, Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SD-92315-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92315Series
Mates With
Picoflex® PF-50 Header 90325 , 90800 ,
90779 , 90715 , 90814
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 92315-0603

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
92315-0607 MOLEX-92315-0607 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-0608 MOLEX11-92315-0608 Datasheet
93Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 6 Circuits
More results

Description similaire - 92315-0603

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0923150642 MOLEX11-0923150642 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 6 Circuits
0923150608 MOLEX11-0923150608 Datasheet
93Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 6 Circuits
0923151640 MOLEX11-0923151640 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 16 Circuits
0923151065 MOLEX11-0923151065 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 10 Circuits
0923150815 MOLEX11-0923150815 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 8 Circuits
0923151645 MOLEX11-0923151645 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 16 Circuits
0923150875 MOLEX11-0923150875 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 8 Circuits
0923150453 MOLEX11-0923150453 Datasheet
100Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 4 Circuits
0923151056 MOLEX11-0923151056 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 10 Circuits
0923151846 MOLEX11-0923151846 Datasheet
101Kb / 2P
   Picoflex짰 PF-50 IDT-to-IDT, 18 Circuits
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com