Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90143-0036 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 90143-0036
Description  2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 36 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX10 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90143-0036 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  90143-0036 Datasheet HTML 1Page - Molex Electronics Ltd. 90143-0036 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901430036
Status:
Active
Overview:
C-Grid III™
Description:
2.54mm (.100") Pitch C-Grid III™ Modular Crimp Housing, Dual Row, 36 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
90143
Comments
No Buttons
Overview
C-Grid III™
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (maximum)
36
Circuits Detail
No Voided Circuits
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Resin
PPO
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
No
Ports
1
Stackable
Yes
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-90143
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90143Series
Mates With
C-Grid III™ Header, Dual Row 90122 ,
90130 , 90131
Use With
C-Grid III™ Crimp Terminal 90119
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 90143-0036

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90143-0036 MOLEX11-90143-0036 Datasheet
36Kb / 1P
   2.54mm Pitch C-Grid III??Modular Crimp Housing, Dual Row, 36 Circuits
More results

Description similaire - 90143-0036

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90143-0036 MOLEX11-90143-0036 Datasheet
36Kb / 1P
   2.54mm Pitch C-Grid III??Modular Crimp Housing, Dual Row, 36 Circuits
0901430036 MOLEX1-0901430036_17 Datasheet
30Kb / 1P
   2.54mm Pitch C-Grid III Modular Crimp Housing, Dual Row, 36 Circuits
0901430136 MOLEX10-0901430136 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 4 Polarizing Buttons, 36 Circuits
0901430020 MOLEX10-0901430020 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 20 Circuits
0901430034 MOLEX10-0901430034 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 34 Circuits
0901430016 MOLEX10-0901430016 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 16 Circuits
0901430006 MOLEX10-0901430006 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 6 Circuits
0901430008 MOLEX10-0901430008 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 8 Circuits
0901430026 MOLEX10-0901430026 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 26 Circuits
0901430040 MOLEX10-0901430040 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 40 Circuits
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com